Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2447 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2447 Datasheet HTML 1Page - Semtech Corporation SC2447 Datasheet HTML 2Page - Semtech Corporation SC2447 Datasheet HTML 3Page - Semtech Corporation SC2447 Datasheet HTML 4Page - Semtech Corporation SC2447 Datasheet HTML 5Page - Semtech Corporation SC2447 Datasheet HTML 6Page - Semtech Corporation SC2447 Datasheet HTML 7Page - Semtech Corporation SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
The performance is not guarantied if exceeding the specifications below.
Electrical Characteristics
Unless specified: AVCC = 12V, SYNC = 0, R
OSC = 51.1kΩ, -40°C < TA = TJ < 125°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
C
C
V
AC
C
V
A
H
T
C
C
V
Ag
n
i
s
a
e
r
c
n
I0
5
.
45
6
.
4V
s
i
s
e
r
e
t
s
y
H
t
r
a
t
S
C
C
V
AC
C
V
A
T
S
Y
H
2
.
0V
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
C
C
V
AI
C
C
V
2
1
=
C
C
V
A8
5
1A
m
O
L
V
U
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
C
C
V
AC
C
V
A
=
C
C
V
A
H
T
V
2
.
0
-5
.
2A
m
r
e
i
f
i
l
p
m
A
r
o
r
r
E
1
l
e
n
n
a
h
C
e
g
n
a
R
e
g
a
t
l
o
V
e
d
o
M
-
n
o
m
m
o
C
t
u
p
n
I
)
1
(
03
V
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
r
e
v
n
I
)
1
(
0C
C
V
AV
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
IC
°
0
7
~
01
±3
±V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
g
n
i
t
r
e
v
n
I
-
n
o
NI
F
E
R
0
0
1
-0
5
2
-A
n
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
g
n
i
t
r
e
v
n
II
-
1
N
I
0
0
1
-0
5
2
-A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
i
f
il
p
m
AG
1
M
0
7
1
Ω
µ 1−
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
i
f
il
p
m
Aa
1
L
O
5
6B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
t
i
n
U
r
e
i
f
il
p
m
A
)
1
(
5z
H
M
d
l
o
h
s
e
r
h
T
g
n
i
h
c
t
i
w
S
1
P
M
O
C
m
u
m
i
n
i
M
V
+
1
S
C
V
=
-
1
S
C
0
=
V
1
S
S
g
n
i
s
a
e
r
c
n
I
7
.
1V
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
r
e
i
f
il
p
m
AV
-
1
N
I
V
,
V
1
=
1
P
M
O
C
V
5
.
2
=1
1
µA
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
r
e
i
f
il
p
m
AV
-
1
N
I
V
,
0
=
1
P
M
O
C
V
5
.
2
=5
.
8
µA
r
e
i
f
i
l
p
m
A
r
o
r
r
E
2
l
e
n
n
a
h
C
e
g
n
a
R
e
g
a
t
l
o
V
e
d
o
m
-
n
o
m
m
o
C
t
u
p
n
I
)
1
(
03
V
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
r
e
v
n
I
)
1
(
0C
C
V
AV
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
IC
°
0
7
~
01
±3
±V
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
C
C
V
AC
C
V
A5
6
.
45
1V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
AT
A
0
4
-5
8C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
4
-5
2
1C
°
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com