Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2447 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 14Page - Semtech Corporation SC2447 Datasheet HTML 15Page - Semtech Corporation SC2447 Datasheet HTML 16Page - Semtech Corporation SC2447 Datasheet HTML 17Page - Semtech Corporation SC2447 Datasheet HTML 18Page - Semtech Corporation SC2447 Datasheet HTML 19Page - Semtech Corporation SC2447 Datasheet HTML 20Page - Semtech Corporation SC2447 Datasheet HTML 21Page - Semtech Corporation SC2447 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
they should be calculated using the following formulae.
)
C
C
(
C
C
)
C
R
C
R
(
)
C
C
(
C
C
)
R
R
(
:
)
(
C
b
1
a
1
b
1
a
1
2
b
1
2
b
1
a
1
2
a
1
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
eq
+
+
ω
+
+
+
ω
+
=
ω
2
b
1
a
1
2
b
1
2
a
1
2
2
b
1
a
1
2
a
1
a
1
2
b
1
b
1
2
b
1
2
a
1
2
b
1
a
1
b
1
a
1
eq
)
C
C
(
C
C
)
R
R
(
)
C
R
C
R
(
C
C
)
R
R
(
R
R
:
)
(
R
+
+
ω
+
+
+
ω
+
=
ω
where R
1a and C1a are the ESR and capacitance of
electrolytic capacitors, and R
1b and C1b are the ESR and
capacitance of the ceramic capacitors respectively.
(Figure 10)
C1a
R1a
C1b
R1b
Ceq
Req
Figure 10. Equivalent RC Branch
R
eq and Ceq are both functions of frequency. For rigorous
design, the equivalent ESR should be evaluated at the
ripple frequency for voltage ripple calculation when both
ceramic and electrolytic capacitors are used. If R
1a = R1b =
R
1 and C1a = C1b = C1, then Req and Ceq will be frequency-
independent and
R
eq = 1/2 R1 and Ceq = 2C1.
Input Capacitor (C
in)
The input supply to the converter usually comes from a
pre-regulator. Since the input supply is not ideal, input
capacitors are needed to filter the current pulses at the
switching frequency. A simple buck converter is shown in
Figure 11.
In Figure 11 the DC input power supply has an internal
impedance R
in and the input capacitor Cin has an ESR of
R
esr. The MOSFET and the input capacitor current
waveforms, the ESR voltage ripple and the input voltage
ripple are shown in Figure 12.
Figure 11. A Simple Model for the Converter Input
Figure 12. Typical Waveforms at Converter Input
It can be seen that high di/dt pulse current flows in the
input capacitor. Capacitors with low ESL should be used.
It is also important to place the input capacitor close to
the MOSFETs on the PC board to reduce trace inductance
around the pulse current loop.
The RMS value of the capacitor current is approximately
].
)
1
(
)
1
)(
12
1
[(
2
2
2
D
D
D
D
I
I
o
Cin
−
+
−
+
=
η
η
δ
The power dissipated in the input capacitor is then
P
Cin = ICin
2
R
esr.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com