Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2447 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation SC2447 Datasheet HTML 10Page - Semtech Corporation SC2447 Datasheet HTML 11Page - Semtech Corporation SC2447 Datasheet HTML 12Page - Semtech Corporation SC2447 Datasheet HTML 13Page - Semtech Corporation SC2447 Datasheet HTML 14Page - Semtech Corporation SC2447 Datasheet HTML 15Page - Semtech Corporation SC2447 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
-
+
S
Q
R
-
+
S
Q
R
R
Q
S
0.8V
0.5V/3.2V
46.5uA
17.0uA
9.5uA
2.85V
COMP
OL
SSL
DSBL
TGON
CLK
OC
UV
SS/EN
(0.6V min.)
Figure 4. Soft-Start and Overload Hiccup Control Circuit
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com