Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2596 Datasheet HTML 1Page - Semtech Corporation SC2596 Datasheet HTML 2Page - Semtech Corporation SC2596 Datasheet HTML 3Page - Semtech Corporation SC2596 Datasheet HTML 4Page - Semtech Corporation SC2596 Datasheet HTML 5Page - Semtech Corporation SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.semtech.com
SC2596
Low Voltage Integrated DDR
Termination Regulator
POWER MANAGEMENT
Revision: July 18, 2007
Typical Application Circuit
The SC2596 is an integrated linear DDR termination
device, which provides a complete solution for DDR
termination regulator designs; while meeting the JEDEC
requirements of SSTL-2 and SSTL-18 specifications for
DDR-SDRAM termination.
The SC2596 regulates up to +/- 2.5A for DDR-I and +/-
1.5A for DDR-II application requirements.
V
TT is regulated to track the VREF voltage over the entire
current range with shoot through protection.
A V
SENSE pin is incorporated to provide excellent load
regulation, along with a buffered reference voltage for
internal use.
The SC2596 also features a disable function which is to
tri-state the output during Suspend To Ram (STR) states
by pulling the EN pin low.
DDR-I and DDR-II memory termination
SSTL-2 and SSTL-3 termination
HSTL termination
PC motherboards
Graphics boards
Disk drives
CD-ROM drives
Sourcing or sinking 2.5A for DDR-I
Sourcing or sinking 1.5A for DDR-II
AV
CC undervoltage lockout
Reference output
Minimum number of external components
Accurate internal voltage divider
Disable function, puts device into sleep mode
Thermal shutdown
Over current protection
Available in SOIC-8 EDP package
WEEE and RoHS compliant
Description
Features
Applications
SC2596
EN
VSENSE
VREF
VDDQ
PVCC
VTT
VREF
0
EN
VTT
AVCC
VDDQ


Similar Part No. - SC2596

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2596 SEMTECH-SC2596 Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
SC2596EVB SEMTECH-SC2596EVB Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
SC2596SETRT SEMTECH-SC2596SETRT Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
SC2596 SEMTECH-SC2596_09 Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
More results

Similar Description - SC2596

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2596 SEMTECH-SC2596_09 Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
Low Voltage DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Semtech Corporation
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
Low Voltage DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com