Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2596 Datasheet HTML 5Page - Semtech Corporation SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation SC2596 Datasheet HTML 10Page - Semtech Corporation SC2596 Datasheet HTML 11Page - Semtech Corporation SC2596 Datasheet HTML 12Page - Semtech Corporation SC2596 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
© 2007 Semtech Corp.
www.semtech.com
SC2596
PRELIMINARY
POWER MANAGEMENT
Typical Application Circuit
DDR-II VTT Solution
Bill of Material
f
e
R f
e
R f
e
R f
e
R f
e
R
y
t
Q y
t
Q y
t
Q y
t
Q y
t
Q
e
c
n
e
r
e
f
e
R
e
c
n
e
r
e
f
e
R
e
c
n
e
r
e
f
e
R
e
c
n
e
r
e
f
e
R
e
c
n
e
r
e
f
e
R
e
u
l
a
V
/
r
e
b
m
u
N
t
r
a
P
e
u
l
a
V
/
r
e
b
m
u
N
t
r
a
P
e
u
l
a
V
/
r
e
b
m
u
N
t
r
a
P
e
u
l
a
V
/
r
e
b
m
u
N
t
r
a
P
e
u
l
a
V
/
r
e
b
m
u
N
t
r
a
P
r
e
r
u
t
c
a
f
u
n
a
M
r
e
r
u
t
c
a
f
u
n
a
M
r
e
r
u
t
c
a
f
u
n
a
M
r
e
r
u
t
c
a
f
u
n
a
M
r
e
r
u
t
c
a
f
u
n
a
M
1
1
1
C
3
0
6
0
,
c
i
m
a
r
e
C
,
R
5
X
,
V
5
2
,
F
n
0
0
1
o
e
g
a
Y
2
1
2
C
3
0
6
0
,
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
n
0
1
o
e
g
a
Y
3
1
3
C
3
0
6
0
,
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
u
1
o
e
g
a
Y
4
1
6
C
6
0
2
1
,
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
u
0
1
o
e
g
a
Y
5
1
4
C
m
u
n
i
m
u
l
A
,
V
3
.
6
,
F
u
0
0
1
o
e
g
a
Y
6
1
5
C
m
u
n
i
m
u
l
A
,
V
3
.
6
,
F
u
0
2
2
n
o
c
y
b
u
R
7
1
1
R
M
H
O
M
1
o
e
g
a
Y
8
1
1
U
6
9
5
2
C
S
h
c
e
t
m
e
S
R1
1M
C1
U3
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
VREF
0
EN
C5
2 2 0 u F
VTT
C4
1 0 0 u F
C3
1uF
0.9V
VDDQ
3.3V
1.8V
C2
10nF
0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com