Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2596 Datasheet HTML 1Page - Semtech Corporation SC2596 Datasheet HTML 2Page - Semtech Corporation SC2596 Datasheet HTML 3Page - Semtech Corporation SC2596 Datasheet HTML 4Page - Semtech Corporation SC2596 Datasheet HTML 5Page - Semtech Corporation SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
© 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2596
Note: (1) Regulation is measured by using a load current pulse. (Pulse Width less than 10mS, Duty Cycle less than 2%, T
A =
25oC)
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
S
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
i
M n
i
M n
i
M n
i
M n
i
M
p
y
T p
y
T p
y
T p
y
T p
y
T
x
a
M x
a
M x
a
M x
a
M x
a
M
s
t
i
n
U
s
t
i
n
U
s
t
i
n
U
s
t
i
n
U
s
t
i
n
U
t
n
e
r
r
u
C
E
S
N
E
S
V
I
E
S
N
E
S
0
5
0
0
2
A
n
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
T
D
S
0
6
1
OC
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
T
S
Y
H
_
D
S
0
1
OC
Electrical Characteristics (DDR-I Cont.)
Unless otherwise specified: T
J =
-40oC to +125oC, AV
CC = PVCC = 2.5V, VDDQ = 2.5V.
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
S
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
i
M n
i
M n
i
M n
i
M n
i
M
p
y
T p
y
T p
y
T p
y
T p
y
T
x
a
M x
a
M x
a
M x
a
M x
a
M
s
t
i
n
U
s
t
i
n
U
s
t
i
n
U
s
t
i
n
U
s
t
i
n
U
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
V
F
E
R
I
T
U
O
_
F
E
R
A
m
0
=
Q
D
D
V
9
4
.
0
Q
D
D
V
5
.
0
Q
D
D
V
1
5
.
0
V
V
F
E
R
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
Z
F
E
R
V
I
F
E
R
A
u
0
3
+
o
t
A
u
0
3
-
=
0
3
2
Ω
n
o
i
t
a
l
u
g
e
R
t
u
p
t
u
O
T
T
V
)
1
(
V
(
T
T
V
-
F
E
R
)
I
T
U
O
A
0
=
I
T
U
O
A
0
.
1
-
=
I
T
U
O
A
0
.
1
+
=
5
2
-
0
5
2
+
V
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
I
Q
I
D
A
O
L
A
0
=
0
0
4
0
0
7
A
u
V
A
C
C
d
l
o
h
s
e
r
h
T
e
l
b
a
n
E
1
.
2
2
.
2
V
e
c
n
a
d
e
p
m
I
t
u
p
n
I
Q
D
D
V
Z
Q
D
D
V
0
0
1
k
Ω
n
w
o
d
t
u
h
S
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
I
D
S
0
=
N
E
0
5
1
0
5
2
A
u
t
n
e
r
r
u
C
e
g
a
k
a
e
L
n
i
P
N
E
I
D
S
_
Q
0
=
N
E
5
.
0
A
u
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
N
E
H
V
L
V
2
8
.
0
V
n
i
t
n
e
r
r
u
C
e
g
a
k
a
e
L
T
T
V
n
w
o
d
t
u
h
S
I
L
_
T
T
V
,
V
9
.
0
=
T
T
V
,
V
0
=
D
S
5
2
t
a
OC
6
A
u
t
n
e
r
r
u
C
E
S
N
E
S
V
I
E
S
N
E
S
0
5
0
0
2
A
n
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
T
D
S
0
6
1
OC
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
T
S
Y
H
_
D
S
0
1
OC
Unless otherwise specified: T
J =
-40oC to +125oC, AV
CC = 3.3V, PVCC =
V
DDQ = 1.8V.
Note: (1) Regulation is measured by using a load current pulse. (Pulse Width less than 10mS, Duty Cycle less than 2%, T
A =
25oC)
Electrical Characteristics (DDR-II)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com