Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2596 Datasheet HTML 5Page - Semtech Corporation SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation SC2596 Datasheet HTML 10Page - Semtech Corporation SC2596 Datasheet HTML 11Page - Semtech Corporation SC2596 Datasheet HTML 12Page - Semtech Corporation SC2596 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
© 2007 Semtech Corp.
www.semtech.com
SC2596
PRELIMINARY
POWER MANAGEMENT
Application Information (Cont.)
Application_2: Lower Power Loss Configuration for
SSTL-2
If power loss is a major concern, separating the PVCC
form AVCC and VDDQ will be a good choice (Figure 2).
The PVCC can operate at lower voltage (1.8V to 2.5V) if
2.5V voltage is applied on AVCC and the VDDQ, the source
current is lower due to the lower operating voltage ap-
plied on the PVCC.
Figure 2: Lower power loss for SSTL-2(DDR-I).
Application_3: High Source Current Configuration
If there is a need for VTT to source more current, espe-
cially for DDR-II applications, the system designer can tie
the AVCC and PVCC to 3.3V while has the VDDQ tie to 1.
8V. This configuration can ensure more than 2A source
and sink capability from the VTT rail.
Figure 4: High current set up for SSTL-18(DDR-II).
Notes:
(a) The preferred configuration for DDR-I applications
is to tie AVCC and PVCC to VDDQ, which is typically 2.5V.
(b) If AVCC and PVCC rails are tied together, then the
VDDQ cannot lead the AVCC and PVCC.
Figure 3: Lower power loss for SSTL-18(DDR-II).
10nF
EN
VDDQ
0.9V
0.9V
Cout
220uF
Cin1
1uF
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
VTT
Cin2
100uF
Cref
100nF
1.8V
VREF
0
2.5V
1M
10nF
EN
0.9V
VDDQ
0.9V
Cout
220uF
Cin1
1uF
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
VTT
Cin2
100uF
Cref
100nF
VREF
1.8V
0
3.3V
VREF
Cout
220uF
10nF
2.5V
1.25V
VTT
Cin1
100uF
EN
Cref
100nF
Cin2
1uF
0
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
1.25V
VDDQ
2.5V
PVCC
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com