Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2596 Datasheet HTML 5Page - Semtech Corporation SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation SC2596 Datasheet HTML 10Page - Semtech Corporation SC2596 Datasheet HTML 11Page - Semtech Corporation SC2596 Datasheet HTML 12Page - Semtech Corporation SC2596 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
© 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2596
Layout guidelines
1) The EDP SO-8 package of SC2596 can improve the
thermal impedance (
θ
JC) significantly. A suitable thermal
pad should be add when PCB layout. Some thermal vias
are required to connect the thermal pad to the PCB
ground layer. This will improve the thermal performance.
Please refer to the recommanded landing pattern.
2) To increase the noise immunity, a ceramic capacitor
of 100nF is required to decouple the V
REF pin with the
shortest connection trace.
3) To reduce the noise on input power rail for standard
SSTL-2 application, a 100µF low ESR capacitor and a
1µF ceramic capacitor capacitor have to be used on the
input power rail with shortest possible connection.
4) VTT output copper plane should be as large as
possible. A 4.7uF to 10µF capacitor have to be used to
decouple the VTT pin.
5) The trace between VSENSE pin and VTT rail should be
as short as possible and put a 10nF ~100nF capacitor
close this vsense pin.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com