Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2190 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
HTG2190
Rev. 1.20
9
July 5, 2002
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
. e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
. e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
. e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
B a n k 0
B a n k 1
B a n k 2
B a n k 7
8 1 9 2 ´ 1 6
B i t s
0 0 0 0 H
1 . . . H
S t a c k
B a n k P o i n t e r
R e g i s t e r
B i t 7 , B i t 6 , B i t 5
A 1 5 , A 1 4 , A 1 3
B u f f e r
L a t c h d a t a o n E x e c u t i o n o f J u m p o r C a l l I n s t r u c t i o n
6 4 K P r o g r a m R O M A d d r e s s i n g A r c h i t e c t u r e
1 3 b i t s
P r o g r a m
C o u n t e r
2 0 0 0 H
3 . . . H
4 0 0 0 H
5 . . . H
E 0 0 0 H
. . . . H
Execution flow
Functional Description
Execution flow
The system clock for the HTG2190 is derived from ei-
ther a crystal or an RC oscillator. It is internally divided
into four non-overlapping clocks. One instruction cycle
consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute within one cycle. If an instruc-
tion changes the program counter, two cycles are
required to complete the instruction.
Program counter
- PC
The 13-bit program counter (PC) controls the sequence
in which the instructions stored in program ROM are ex-
ecuted.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call, initial re-
set, internal interrupt, external interrupt or return from
subroutine, the PC manipulates the program transfer by
loading the address corresponding to each instruction.
The conditional skip is activated by instruction. Once the
condition is met, the next instruction, fetched during the
current instruction execution, is discarded and a dummy
cycle takes its place while the correct instruction is ob-
tained.
The lower byte of the program counter (PCL) is a
read/write register (06H). Moving data into the PCL per-
Mode
Program ROM Address
*15
*14 *13
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
External or serial
input interrupt
00
0
0
0
0
0
0
0
0
0
0
0
1
0
0
Timer/Event
Counter 0 overflow
00
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Timer/Event
Counter 1 overflow
00
0
0
0
0
0
0
0
0
0
0
1
1
0
0
Timer 2 overflow
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Timer 3 overflow
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
Skip
PC+2
Loading PCL
*15
*14 *13
*12
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1 @0
Jump, call branch
BP.7 BP.6 BP.5 #12
#11 #10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from
subroutine
S15 S14 S13 S12 S11 S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program ROM address
Note: *15~*0: Program ROM address
S15~S0: Stack register bits
@7~@0: PCL bits
BP.5~BP.7: Bit 5~7 of bank pointer (04H)
#12~#0: Instruction code bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com