Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2190 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HTG2190 Datasheet HTML 1Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
HTG2190
8-Bit 1024 Pixel Dot Matrix LCD MCU Series
Rev. 1.20
1
July 5, 2002
Features
· Operating voltage: 2.4V~3.6V
· 64K´16 bits program ROM
· 2.3K´8 bits data RAM
· 15~39 bidirectional I/O lines
· 16 common´40~64 segment LCD driver
· Two 16-bit programmable timer/event counters with
overflow interrupts
· One 8-bit programmable timer with 8-stage prescaler
for PFD
· One 8-bit programmable timer with 8-stage prescaler
for time base
· One 8-bit PWM audio output to directly drive speaker
or buzzer
· One 12-bit current type D/A output with 4-bit volume
control
· R to F function for temperature measurement
· Synchronous serial interface
· On-chip RC oscillator for system clock
· 32768Hz crystal oscillator for time base and LCD
driver
· Watchdog Timer
· HALT function and wake-up feature reduce power
consumption
· Eight-level subroutine nesting
· Bit manipulation instructions
· 63 powerful instructions
· Built-in supply voltage detection circuit
· One interrupt input
· 128-pin QFP package
General Description
The HTG2190 is an 8-bit high performance RISC-like
microcontroller capable of driving 1024 pixel (max.)
LCD display. Its single cycle instruction and two-stage
pipeline architecture make it suitable for high speed ap-
plications. The device is suited for use in multiple LCD
low power applications among which are calculators,
clock timer, game, scales, leisure products, other hand
held LCD products and battery operated systems in par-
ticular.


Similar Part No. - HTG2190

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190 Datasheet
417Kb / 64P
8-Bit 1024 Pixel LCD Microcontroller
June 29, 2001
More results

Similar Description - HTG2190

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150 Datasheet
316Kb / 49P
8-Bit 320 Pixel LCD Microcontroller
July 24, 2000
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
Dot-matrix LCD Drivers
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190 Datasheet
417Kb / 64P
8-Bit 1024 Pixel LCD Microcontroller
June 29, 2001
logo
OKI electronic componet...
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
8-Bit 320 Pixel Dot Matrix LCD MCU Series
May 21, 2002
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
Dot-Matrix LCD Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com