Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2190 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 30Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 31Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 32Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
;* use master mode
;* serial clock=F1/2
;*
serial
equ
2Ah
;serialdatabuffer
serc
equ
29h
;serial control register
data
equ
51h
;
org
004h
jmp
serial_op
;serial
;
;
serialap:
;serial function testing (PA=16h)
mov
a,55h
mov
data,a
mov
serial,a
;write data to serial register
set
pbc
;set port B I/P
serail_I:
clr
pbc.5
;serial clock output
mov
a,00000111b
;SCLKX=F1/2
mov
serc,a
;latch data (h->1)
wait:
sz
pb.2
;
jmp
wait
set
EEI
clr
serc.0
;trigger the serial interface start
ret
serial_op:
mov
a,data
;reload data to register
mov
serial,a
clr
serc.0
;enable serial
ret
HTG2190
Rev. 1.20
29
July 5, 2002
When the output of the 8 bits data from D0~D7 is com-
pleted, the interrupt factor flag is set to
²1² and interrupt
is generated. Moreover, the interrupt can be masked by
the interrupt mask register INTC.
Note, however, that regardless of the setting of the inter-
rupt mask register, the interrupt factor flag is set to
²1²
after output of the 8 bits data.
Serial data input
By writing
²0² to SERC.0, the serial data is input from
the SIN terminal, synchronizes with the synchronous
clock, and is sequentially read in the 8 bits shift register.
The input data will be fetched at the rising edge (.1=
²0²)
of SCLK. When the input of the 8 bits data from D0~D7
is completed, the interrupt factor flag EIF is set to
²1²
and interrupt is generated. Moreover, the interrupt can
be masked by the interrupt mask register SERDATA.
Note, however, that regardless of the setting of the inter-
rupt mask register, the interrupt factor flag is set to
²1²
after input of the 8 bits data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com