Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2190 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 30Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 31Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 32Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 33Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 34Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 35Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 36Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Application Circuits
Note: * Optional capacitors can be added to get a more accurate frequency.
Since each crystal has its own characteristics, the user should consult the crystal manufacturer for appropriate
value of external capacitors.
** R=100k
W,fSYS=2MHz
R=200k
W,fSYS=1MHz
HTG2190
Rev. 1.20
33
July 5, 2002
O S C I
P A 0 ~ P A 7
H T G 2 1 9 0
X I N / S E G 6 3 / P C 7
X O U T / S E G 6 2 / P C 6
I N T / S I N
C O M 0 ~ 1 5
S E G 0 ~ 6 3
( M a x . )
L C D
P A N E L
V D D
V D D
P W M 1 / P B 0
P W M 2 / A U D
P B 5 / S C L K
P B 4 / S O U T
P B 2
P B 3
P B 6 / T M R 1
R E S
H T G 2 1 9 0
V O U T 1 1
P B 7 / T M R 0
C A P 1
C A P 2
V O U T 2 2
V O U T 3 3
V O U T 4 4
C A P 3
C A P 4
O S C I
P A 0 ~ P A 7
X I N / S E G 6 3 / P C 7
X O U T / S E G 6 2 / P C 6
I N T / S I N
L C D
P A N E L
P W M 2 / A U D
P B 5 / S C L K
P B 4 / S O U T
P B 2
P B 3
P B 6 / T M R 1
R E S
V O U T 1 1
P B 7 / T M R 0
C A P 1
C A P 2
V O U T 2 2
V O U T 3 3
V O U T 4 4
C A P 3
C A P 4
V D D
8 W
S P K
8 0 5 0
3 2 W S P K
o r B u z z e r
*
C O M 0 ~ 1 5
S E G 0 ~ 6 3
( M a x . )
*
3 2
s p e a k e r / b u z z e r a p p l i c a t i o n
8
s p e a k e r a p p l i c a t i o n
* *
6 2 k W
( f S Y S = 4 M H z )
* *
6 2 k W
( f S Y S = 4 M H z )
0 . 1 m .
3 0 k W
3 0 k W
2 2 0 0 p .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
0 . 1 m .
2 k W
3 0 k W
3 0 k W
2 2 0 0 p .
0 . 1 m .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com