Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2190 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel Dot Matrix LCD MCU Series
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 30Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 31Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 32Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 33Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 34Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 35Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
HTG2190
Rev. 1.20
32
July 5, 2002
The audio output
The HTG2190 series provide a 12-bits current type DAC
devices for driving an external 8
W speaker through an
external NPN transistor. The programmer must write the
voice data to the register DAL (30H) and DAH (31H).
Only 12 bits which include the high nibble of DAL and
the whole byte of DAH are used. The correct procedure
for DAC output as shown below, high nibble data of DAL
must be written next at first, and then the DAH data is
written.
There are 16 scales of volume controllable level that are
provided for the current type DAC output. The program-
mer only writes the volume control data to the VOLC
register (32H). Only the high nibble of VOLC are used.
Note that writing 0H to the high nibble of VOLC does not
denote mute output, this means there is still leakage
from AUD pin through external NPN transistor, and also
external 8
W speaker leak current. Only load 00h to
DAH-DAL will turn off DAC and prevent leakage.
D A H
( D 0 ~ D 7 )
D A L
( D 4 ~ D 7 )
V O L C
( D 4 ~ D 7 )
D A C
A U D
P I N
C 1 1 ~ C 0
V 3 ~ V 0
D a t a B u s
Mask option
The following shows many kinds of mask options in the HTG2190. All these option should be defined on order to en-
sure proper system functioning.
No.
Mask Option
1
WDT enable or disable selection.
WDT can be enable or disable by mask option.
2
Wake-up selection. This option defines the wake-up function activity.
External I/O pins (PA only) all have the capability to wake-up the chip from a HALT mode by a following edge.
3
External interrupt input pin share with other function selection.
INT/SEG37: INT can be set as an external interrupt input pin or LCD segment output pin.
4
I/O pins share with other functions selection.
PB0/PWM1: PB0 can be set as I/O pin or positive audio PWM output pin.
PWM2/AUD: PWM2 can be set as negative PWM output pin or current type D/A output pin.
PB4/SOUT: PB4 can be set as I/O pin or serial data output pin.
PB5/SCLK: PB5 can be set as I/O pin or serial driving clock pin.
PB6/TMR1/RTF: PB6 can be set as I/O pin, Timer/Event Counter 1 input pin or resistor to frequency input pin.
PB7/TMR0: PB7 can be set as I/O pin or Timer/Event Counter 0 input pin.
5
I/O pins share with other function selection.
PC0/SEG56, PC1/SEG57, PC2/SEG58, PC3/SEG59, PC4/SEG60, PC5/SEG61: PC0~PC5 can be set as
I/O pins or LCD segment output pins.
PC6/SEG63/XIN, PC7/SEG62/XOUT: PC6, PC7 can be set as I/O pins, LCD segment output pins or XIN,
XOUT pins are connect to 32768Hz crystal.
6
Segment output pins share with other function selection.
SEG55~SEG48/PD7~PD0: SEG55~SEG48 can be set as LCD segment output pins or I/O pins.
SEG47~SEG40/PE7~PE0: SEG47~SEG40 can be set as LCD segment output pins or I/O pins
7
LCD common selection. There are two types of selection: 8-common or 16-common
8
LCD type selection. There are two types of selection: black/white LCD or color ECB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com