Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252IP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252IP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC2252IP Datasheet HTML 35Page - Texas Instruments TLC2252IP Datasheet HTML 36Page - Texas Instruments TLC2252IP Datasheet HTML 37Page - Texas Instruments TLC2252IP Datasheet HTML 38Page - Texas Instruments TLC2252IP Datasheet HTML 39Page - Texas Instruments TLC2252IP Datasheet HTML 40Page - Texas Instruments TLC2252IP Datasheet HTML 41Page - Texas Instruments TLC2252IP Datasheet HTML 42Page - Texas Instruments TLC2252IP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 32
f – Frequency – Hz
COMMON-MODE REJECTION RATIO†
vs
FREQUENCY
80
40
20
0
100
60
101
10 2
10 3
10 4
10 5
16 6
VDD = 5 V
VDD
± = ±5 V
Figure 33
COMMON-MODE REJECTION RATIO†‡
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
84
82
92
80
88
86
90
94
– 50
– 25
0
25
50
75
100
125
VDD = 5 V
VDD
± = ±5 V
– 75
Figure 34
f – Frequency – Hz
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREQUENCY
100
80
60
40
20
0
– 20
101
10 2
10 3
10 4
10 5
10 6
kSVR –
VDD = 5 V
TA = 25°C
kSVR +
Figure 35
f – Frequency – Hz
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
100
80
60
40
20
0
– 20
101
10 2
10 3
10 4
10 5
10 6
kSVR +
kSVR –
VDD
± = ±5 V
TA = 25°C
‡ Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
† For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com