Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252IP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252IP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLC2252IP Datasheet HTML 40Page - Texas Instruments TLC2252IP Datasheet HTML 41Page - Texas Instruments TLC2252IP Datasheet HTML 42Page - Texas Instruments TLC2252IP Datasheet HTML 43Page - Texas Instruments TLC2252IP Datasheet HTML 44Page - Texas Instruments TLC2252IP Datasheet HTML 45Page - Texas Instruments TLC2252IP Datasheet HTML 46Page - Texas Instruments TLC2252IP Datasheet HTML 47Page - Texas Instruments TLC2252IP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 52
0.1
f – Frequency – Hz
INTEGRATED NOISE VOLTAGE
vs
FREQUENCY
1
10
100
1101
10 2
10 3
10 4
10 5
Calculated Using Ideal Pass-Band Filter
Low Frequency = 1 Hz
TA = 25°C
Figure 53
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE†
vs
FREQUENCY
0.01
1
0.001
101
10 2
10 3
10 4
10 5
AV = 10
AV = 1
VDD = 5 V
RL = 50 kΩ
TA = 25°C
0.1
AV = 100
Figure 54
GAIN-BANDWIDTH PRODUCT †‡
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
200
120
80
240
280
– 75
– 25
0
25
50
75
100
125
VDD = 5 V
f = 10 kHz
RL = 50 kΩ
CL = 100 pF
– 50
160
Figure 55
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
| VDD
± | – Supply Voltage – V
210
190
170
150
02
3
5
230
250
78
14
6
TA = 25°C
‡ Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
† For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com