Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252IP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252IP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLC2252IP Datasheet HTML 37Page - Texas Instruments TLC2252IP Datasheet HTML 38Page - Texas Instruments TLC2252IP Datasheet HTML 39Page - Texas Instruments TLC2252IP Datasheet HTML 40Page - Texas Instruments TLC2252IP Datasheet HTML 41Page - Texas Instruments TLC2252IP Datasheet HTML 42Page - Texas Instruments TLC2252IP Datasheet HTML 43Page - Texas Instruments TLC2252IP Datasheet HTML 44Page - Texas Instruments TLC2252IP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 40
SLEW RATE†‡
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
0.12
0.08
0.04
0
0.16
0.2
– 50
– 25
0
25
50
75
100
125
SR +
SR –
VDD = 5 V
RL = 50 kΩ
CL = 100 pF
AV = 1
– 75
Figure 41
INVERTING LARGE-SIGNAL PULSE
RESPONSE‡
t – Time –
µs
2
1
0
0
10
203040
5060
3
4
5
70
80
90
100
VDD = 5 V
RL = 50 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
Figure 42
t – Time –
µs
INVERTING LARGE-SIGNAL PULSE
RESPONSE
0
4
0
10
2030
405060
2
1
3
5
70
80
90
100
VDD
± = ±5 V
RL = 50 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
– 1
– 2
– 3
– 4
– 5
Figure 43
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE‡
t – Time –
µs
2
1
0
0
10
20
30405060
3
4
5
70
80
90
100
VDD = 5 V
RL = 50 kΩ
CL = 100 pF
AV = 1
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com