Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252IP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252IP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC2252IP Datasheet HTML 18Page - Texas Instruments TLC2252IP Datasheet HTML 19Page - Texas Instruments TLC2252IP Datasheet HTML 20Page - Texas Instruments TLC2252IP Datasheet HTML 21Page - Texas Instruments TLC2252IP Datasheet HTML 22Page - Texas Instruments TLC2252IP Datasheet HTML 23Page - Texas Instruments TLC2252IP Datasheet HTML 24Page - Texas Instruments TLC2252IP Datasheet HTML 25Page - Texas Instruments TLC2252IP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2252Q
TLC2252M
TLC2252AQ
TLC2252AM
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
V
V
V
25
°C
200
1500
200
850
µV
VIO
Input offset voltage
V
V
V
Full range
1750
1000
µV
αVIO
Temperature coefficient
of input offset voltage
V
V
V
25
°C
to 125
°C
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD
± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
1000
1000
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
1000
1000
pA
VICR
Common-mode input
RS =50 Ω
|VIO |≤5mV
25
°C
0
to
4
– 0.3
to
4.2
0
to
4
– 0.3
to
4.2
V
VICR
voltage range
RS = 50 Ω,
|VIO | ≤5 mV
Full range
0
to
3.5
0
to
3.5
V
IOH = – 20 µA
25
°C
4.98
4.98
VOH
High-level output
IOH = 75 µA
25
°C
4.9
4.94
4.9
4.94
V
VOH
g
voltage
IOH = – 75 µA
Full range
4.8
4.8
V
IOH = – 150 µA
25
°C
4.8
4.88
4.8
4.88
VIC = 2.5 V,
IOL = 50 µA
25
°C
0.01
0.01
Low level output
VIC =2 5V
IOL = 500 µA
25
°C
0.09
0.15
0.09
0.15
VOL
Low-level output
voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.15
0.15
V
voltage
VIC =2 5V
IOL =4 mA
25
°C
0.8
1
0.7
1
VIC = 2.5 V,
IOL = 4 mA
Full range
1.2
1.2
Large signal differential
V2 5 V
RL 100 kه
25
°C
100
350
100
350
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V,
VO =1Vto4V
RL = 100 kه
Full range
10
10
V/mV
VD
voltage am lification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
1700
1700
rid
Differential input
resistance
25
°C
1012
1012
Ω
ric
Common-mode input
resistance
25
°C
1012
1012
Ω
cic
Common-mode input
capacitance
f = 10 kHz,
f = 10 kHz,
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 25 kHz,
AV = 10
25
°C
200
200
Ω
CMRR
Common-mode
VIC = 0 to 2.7 V,
VO = 2.5 V,
25
°C
70
83
70
83
dB
CMRR
rejection ratio
IC
,
RS = 50 Ω
O
,
Full range
70
70
dB
kSVR
Supply-voltage
rejection ratio
VDD = 4.4 V to 16 V,
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD/∆VIO)
DD
VIC = VDD /2,
No load
Full range
80
80
dB
IDD
Supply current
VO = 2 5 V
No load
25
°C
70
125
70
125
µA
IDD
Su
ly current
VO = 2.5 V,
No load
Full range
150
150
µA
† Full range is – 40
°C to 125°C for Q suffix, – 55°C to 125°C for M suffix.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com