Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252IP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252IP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2252IP Datasheet HTML 8Page - Texas Instruments TLC2252IP Datasheet HTML 9Page - Texas Instruments TLC2252IP Datasheet HTML 10Page - Texas Instruments TLC2252IP Datasheet HTML 11Page - Texas Instruments TLC2252IP Datasheet HTML 12Page - Texas Instruments TLC2252IP Datasheet HTML 13Page - Texas Instruments TLC2252IP Datasheet HTML 14Page - Texas Instruments TLC2252IP Datasheet HTML 15Page - Texas Instruments TLC2252IP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise
specified)
PARAMETER
TEST CONDITIONS
T †
TLC2254C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
200
1500
µV
VIO
Input offset voltage
Full range
1750
µV
αVIO
Temperature coefficient of input offset voltage
25
°C
to 70
°C
0.5
µV/°C
Input offset voltage long-term drift (see Note 4)
VIC = 0,
RS =50 Ω
VO = 0,
25
°C
0.003
µV/mo
IIO
Input offset current
RS = 50 Ω
25
°C
0.5
60
pA
IIO
Input offset current
Full range
100
pA
IIB
Input bias current
25
°C
1
60
pA
IIB
Input bias current
Full range
100
pA
VICR
Common mode input voltage range
|VIO |≤5mV RS =50 Ω
25
°C
– 5
to
4
– 5.3
to
4.2
V
VICR
Common-mode input voltage range
|VIO | ≤5 mV, RS = 50 Ω
Full range
– 5
to
3.5
V
IO = – 20 µA
25
°C
4.98
VOM
Maximum positive peak output voltage
IO = 100 µA
25
°C
4.9
4.93
V
VOM + Maximum positive peak output voltage
IO = – 100 µA
Full range
4.7
V
IO = – 200 µA
25
°C
4.8
4.86
VIC = 0,
IO = 50 µA
25
°C
– 4.99
VIC =0
IO = 500 µA
25
°C
– 4.85
– 4.91
VIC = 0,
IO = 500 µA
Full range
– 4.85
VOM – Maximum negative peak output voltage
VIC =0
IO 1 mA
25
°C
– 4.7
– 4.8
V
VIC = 0,
IO = 1 mA
Full range
– 4.7
VIC =0
IO 4 mA
25
°C
– 4
– 4.3
VIC = 0,
IO = 4 mA
Full range
– 3.8
RL = 100 kΩ
25
°C
40
150
AVD
Large-signal differential voltage amplification
VO = ± 4 V
RL = 100 kΩ
Full range
10
V/mV
RL = 1 MΩ
25
°C
3000
ri(d)
Differential input resistance
25
°C
1012
Ω
ri(c)
Common-mode input resistance
25
°C
1012
Ω
ci(c)
Common-mode input capacitance
f = 10 kHz,
N package
25
°C
8
pF
zo
Closed-loop output impedance
f = 25 kHz,
AV = 10
25
°C
190
Ω
CMRR
Common mode rejection ratio
VIC = – 5 V to 2.7 V,
25
°C
75
88
dB
CMRR
Common-mode rejection ratio
IC
,
VO = 0,
RS = 50 Ω
Full range
75
dB
kSVR
Supply voltage rejection ratio (
∆VDD± /∆VIO)
VDD
± = ±2.2 V to ±8 V,
25
°C
80
95
dB
kSVR
Supply-voltage rejection ratio (
∆VDD± /∆VIO)
DD
±
,
VIC = 0,
No load
Full range
80
dB
IDD
Supply current (four amplifiers)
VO =0
No load
25
°C
160
250
µA
IDD
Supply current (four amplifiers)
VO = 0,
No load
Full range
300
µA
† Full range is 0
°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com