Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8152B Datasheet(PDF) 43 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 43 Page - Pericom Semiconductor Corporation

Back Button PI7C8152B Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 47Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 43 of 90
October 16, 2003 – Revision 1.11
Delayed write request transactions, comprised of I/O write and configuration write
transactions.
Delayed write requests are terminated by target retry on the initiator bus and
are queued in the delayed transaction queue. A delayed write transaction must complete on
the target bus before it completes on the initiator bus.
Delayed write completion transactions, comprised of I/O write and configuration
write transactions.
Delayed write completion transactions complete on the target bus, and the target response
is queued in the buffers. A delayed write completion transaction proceeds
in the direction opposite that of the original delayed write request; that is, a delayed write
completion transaction proceeds from the target bus to the initiator bus.
Delayed read request transactions, comprised of all memory read, I/O read, and
configuration read transactions.
Delayed read requests are terminated by target retry on the initiator bus and are queued in
the delayed transaction queue.
Delayed read completion transactions, comprised of all memory read, I/O read, &
configuration read transactions.
Delayed read completion transactions complete on the target bus, and the read data is
queued in the read data buffers. A delayed read completion transaction proceeds in the
direction opposite that of the original delayed read request; that is, a delayed read
completion transaction proceeds from the target bus to the initiator bus.
PI7C8152x does not combine or merge write transactions:
!
PI7C8152x does not combine separate write transactions into a single write
transaction—this optimization is best implemented in the originating master.
!
PI7C8152x does not merge bytes on separate masked write transactions to the same
DWORD address—this optimization is also best implemented in the originating
master.
!
PI7C8152x does not collapse sequential write transactions to the same address into a
single write transaction—the PCI Local Bus Specification does not permit this
combining of transactions.
5.2
GENERAL ORDERING GUIDELINES
Independent transactions on primary and secondary buses have a relationship only when
those transactions cross PI7C8152x.
The following general ordering guidelines govern transactions crossing PI7C8152x:
!
The ordering relationship of a transaction with respect to other transactions is
determined when the transaction completes, that is, when a transaction ends with a
termination other than target retry.
!
Requests terminated with target retry can be accepted and completed in any order with
respect to other transactions that have been terminated with target retry. If the order of
completion of delayed requests is important, the initiator should not start a second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com