Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8152B Datasheet(PDF) 28 Page - Pericom Semiconductor Corporation

Part # PI7C8152B
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152B Datasheet(HTML) 28 Page - Pericom Semiconductor Corporation

Back Button PI7C8152B Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8152B Datasheet HTML 32Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 28 of 90
October 16, 2003 – Revision 1.11
PI7C8152x performs a Type 1 to Type 0 translation when the Type 1 transaction
is generated on the primary bus and is intended for a device attached directly to the
secondary bus. PI7C8152x must convert the configuration command to a Type 0 format so
that the secondary bus device can respond to it. Type 1 to Type 0 translations are
performed only in the downstream direction; that is, PI7C8152x generates a Type 0
transaction only on the secondary bus, and never on the primary bus.
PI7C8152x responds to a Type 1 configuration transaction and translates it into a Type 0
transaction on the secondary when the following conditions are met during the address
phase:
!
The lowest two address bits on P_AD[1:0] are 01b.
!
The bus number in address field P_AD[23:16] is equal to the value in the secondary
bus number register in configuration space.
!
The bus command on P_CBE[3:0] is a configuration read write transaction.
When PI7C8152x translates the Type 1 transaction to a Type 0 transaction on
the secondary interface, it performs the following translations to the address:
!
Sets the lowest two address bits on S_AD[1:0] to 0.
!
Decodes the device number and drives the bit pattern specified in Table 3-6 on
S_AD[31:16] for the purpose of asserting the device’s IDSEL signal.
!
Sets S_AD[15:11] to 0.
!
Leaves unchanged the function number and register number fields.
PI7C8152x asserts a unique address line based on the device number. These address lines
may be used as secondary bus IDSEL signals. The mapping of the address lines depends on
the device number in the Type 1 address bits P_AD[15:11]. Table 3-6 presents the mapping
that PI7C8152x uses.
Table 3-6 DEVICE NUMBER TO IDSEL S_AD PIN MAPPING
Device Number
P_AD[15:11]
Secondary IDSEL S_AD[31:16]
S_AD
0h
00000
0000 0000 0000 0001
16
1h
00001
0000 0000 0000 0010
17
2h
00010
0000 0000 0000 0100
18
3h
00011
0000 0000 0000 1000
19
4h
00100
0000 0000 0001 0000
20
5h
00101
0000 0000 0010 0000
21
6h
00110
0000 0000 0100 0000
22
7h
00111
0000 0000 1000 0000
23
8h
01000
0000 0001 0000 0000
24
9h
01001
0000 0010 0000 0000
25
Ah
01010
0000 0100 0000 0000
26
Bh
01011
0000 1000 0000 0000
27
Ch
01100
0001 0000 0000 0000
28
Dh
01101
0010 0000 0000 0000
29
Eh
01110
0100 0000 0000 0000
30
Fh
01111
1000 0000 0000 0000
31
10h – 1Eh
10000 – 11110
0000 0000 0000 0000
-
1Fh
11111
Generate special cycle (P_AD[7:2] = 00h)
0000 0000 0000 0000 (P_AD[7:2] = 00h)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com