| Electronic Components Datasheet Search |
|
PI7C8152B Datasheet(PDF) 85 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8152B Datasheet(HTML) 85 Page - Pericom Semiconductor Corporation |
|
85 / 90 page ![]() PI7C8152A & PI7C8152B 2-PORT PCI-TO-PCI BRIDGE ADVANCE INFORMATION Page 85 of 90 October 16, 2003 – Revision 1.11 Bit Function Type Description 8 PME_L Enable R/O Read as 0 as PI7C8152x does not support the PME_L pin. 12:9 Data Select R/O Read as 0 as the data register is not implemented. 14:13 Data Scale R/O Read as 0 as the data register is not implemented. 15 PME status R/O Read as 0 as the PME_L pin is not implemented. 12.1.42 PPB SUPPORT EXTENSIONS REGISER – OFFSET E0h Bit Function Type Description 21:16 Reserved RO Reserved Reset to 0 22 B2_B3 Support RO B2_B3 Support for D3HOT When BPCCE is HIGH, this bit is read as ‘1’ to indicate that the secondary clock outputs will be stopped and driven LOW when the bridge is in D3HOT. This bit is not defined if BPCCE is read as ‘0’. 23 Bus Power / Clock Control Enable RO Bus Power / Clock Control Enable When BPCCE is pulled HIGH, this bit is read as ‘1’ to indicate that the bus power/clock control is enabled. When the BPCCE is tied LOW, this bit is read as ‘0’ to indicate that the bus power/clock is disabled (secondary clocks are not disabled when this device is placed in D3HOT). 13 BRIDGE BEHAVIOR A PCI cycle is initiated by asserting the FRAME_L signal. In a bridge, there are a number of possibilities. Those possibilities are summarized in the table below: 13.1 BRIDGE ACTIONS FOR VARIOUS CYCLE TYPES Initiator Target Response Master on Primary Target on Primary PI7C8152x does not respond. It detects this situation by decoding the address as well as monitoring the P_DEVSEL_L for other fast devices on the Primary Port. Master on Primary Target on Secondary PI7C8152x asserts P_DEVSEL_L, terminates the cycle normally if it is able to be posted, otherwise return with a retry. It then passes the cycle to the secondary port. When the cycle is complete on the target port, it will wait for the initiator to repeat the same cycle and end with normal termination. Master on Primary Target not on Primary nor Secondary Port PI7C8152x does not respond and the cycle will terminate as master abort. Master on Secondary Target on the same Secondary Port PI7C8152x does not respond. Master on Secondary Target on Primary PI7C8152x asserts S_DEVSEL_L, terminates the cycle normally if it is able to be posted, otherwise returns with a retry. It then passes the cycle to the primary port. When cycle is complete on the target port, it will wait for the initiator to repeat the same cycle and end with normal termination. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |