Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 119 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 119 Page - ams AG

Back Button AS8267 Datasheet HTML 115Page - ams AG AS8267 Datasheet HTML 116Page - ams AG AS8267 Datasheet HTML 117Page - ams AG AS8267 Datasheet HTML 118Page - ams AG AS8267 Datasheet HTML 119Page - ams AG AS8267 Datasheet HTML 120Page - ams AG AS8267 Datasheet HTML 121Page - ams AG AS8267 Datasheet HTML 122Page - ams AG AS8267 Datasheet HTML 123Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 119 of 136
UART is dedicated to the SCT block for writing to and reading from other functional blocks such as RTC,
LCDD; besides, it is used for selection of different modes of operation.
SFRs of UART1
There are five special function registers dedicated to the UART1.
Register Name
Address Description
Read/Write from MCU
SCON
98h
Serial port control register
read & write
SBUF
99h
Serial port buffer register
read & write (separate)
SBAUDL
9Ah
Baudrate reload register – Low address
write only
SBAUDH
9Bh
Baudrate reload register – High address
write only
SOVR
90h
Serial receive buffer overflow register
read & write, only one bit
(=bit0) available
SOVR Register
Serial receive buffer overflow register. If data is received before it has been read out of SBUF then the bit SOV
is set. It can the cleared by software. All other bits of SOVR are 0.
SOVR
MSB
LSB
0
0
0
0
0
0
0
SOV
Note:
Overflow flag. If ‘1’ then a receiver buffer overflow occurred. The old buffer value has been overwritten by new
incoming data. Set by overflow, cleared by MCU.
SCON Register
The SFR Serial Port Control Register (SCON) is used to configure the UART1 and to check the status of the
transmission.
SCON
MSB
LSB
SM0
SM1
SM2
REN
TB8
RB8
TI
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com