Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0H6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STR712FR0H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0H6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STR712FR0H6 Datasheet HTML 19Page - STMicroelectronics STR712FR0H6 Datasheet HTML 20Page - STMicroelectronics STR712FR0H6 Datasheet HTML 21Page - STMicroelectronics STR712FR0H6 Datasheet HTML 22Page - STMicroelectronics STR712FR0H6 Datasheet HTML 23Page - STMicroelectronics STR712FR0H6 Datasheet HTML 24Page - STMicroelectronics STR712FR0H6 Datasheet HTML 25Page - STMicroelectronics STR712FR0H6 Datasheet HTML 26Page - STMicroelectronics STR712FR0H6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
STR71xF
System architecture
23/77
1)CANTX and CANRX in STR712F only, in STR715F they are general purpose I/Os.
Legend / abbreviations for Table 6:
Type:
I = input, O = output, S = supply, HiZ= high impedance,
In/Output level: C = CMOS 0.3VDD/0.7VDD
CT= CMOS 0.8V / 2V with input trigger
TT= TTL 0.3V/0.7VDD with input trigger
C/T = Programmable levels: CMOS 0.3VDD/0.7VDD or TTL 0.8V / 2V
Port and control configuration:
Input:
pu/pd= software enabled internal pull-up or pull down
pu= in reset state, the internal 100k
Ω weak pull-up is enabled.
pd = in reset state, the internal 100k
Ω weak pull-down is enabled.
Output:
OD = open drain (logic level)
PP = push-pull
T = true OD, (P-Buffer and protection diode to VDD not implemented),
5V tolerant.
Table 5.
STR712/715 BGA Ball Connections
ABCD
E
F
G
H
1
P0.10
P0.11
P0.12
P0.14
V33
JTCK
TEST
V33IO-
PLL
2
P0.9
VSS
P0.13
VSS
JTMS
JTRSTn
P0.15
VSSIO-
PLL
3
P0.5
P0.7
BOOTEN
JTDI
NU
STDBY
RTCXTI
CK
4
VSS18
VSS
P0.8
JTDO
AVDD
V18BKP
RSTIN
RTCXTO
5
P0.2
P0.4
V18
P0.6
P1.9
P1.0
V18
VSSBKP
6
V33
P0.1
P0.3
P1.13
P1.11/
CANRX1)
VSSIO-
PLL
AVSS
VSS18
7
VSS
P0.0
P1.10
P1.12/
CANTX1)
P1.7
P1.6
P1.5
P1.1
8
P1.15
P1.14
VSS
P1.8
V33IO-
PLL
P1.4
P1.3
P1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com