Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0H6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STR712FR0H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0H6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STR712FR0H6 Datasheet HTML 33Page - STMicroelectronics STR712FR0H6 Datasheet HTML 34Page - STMicroelectronics STR712FR0H6 Datasheet HTML 35Page - STMicroelectronics STR712FR0H6 Datasheet HTML 36Page - STMicroelectronics STR712FR0H6 Datasheet HTML 37Page - STMicroelectronics STR712FR0H6 Datasheet HTML 38Page - STMicroelectronics STR712FR0H6 Datasheet HTML 39Page - STMicroelectronics STR712FR0H6 Datasheet HTML 40Page - STMicroelectronics STR712FR0H6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
STR71xF
Electrical parameters
37/77
5.3.1
Supply current characteristics
The current consumption is measured as described in Figure 9 on page 33 and Figure 10
on page 33.
Total current consumption
The MCU is placed under the following conditions:
●
All I/O pins in input mode with a static value at V33 or VSS (no load)
●
All peripherals are disabled except if explicitly mentioned.
●
Embedded Regulators are used to provide 1.8V (except if explicitly
mentioned)
Subject to general operating conditions for V33, and TA.
Notes:
1.
Typical data are based on TA=25°C, V33=3.3V.
2.
Data based on characterization results, tested in production at V33, fMCLK max. and TA max.
3.
Based on device characterisation, device power consumption in STOP mode at TA 25°C is predicted to be
30µA or less in 99.730020% of parts.
4.
The conditions for these consumption measurements are described in application note AN2100.
Table 14.
Total Current consumption
Symbol
Parameter
Conditions
Typ 1)
Max 2)
Unit
IDD
4)
Supply current in RUN
mode
fMCLK=66 MHz, RAM execution
73.6
100
mA
fMCLK=32 MHz, Flash non-burst
execution
49.3
Supply current in STOP
mode
TA=25°C
10
503)
µA
Supply current in
STANDBY mode
OSC32K bypassed
12
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com