Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0H6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STR712FR0H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0H6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STR712FR0H6 Datasheet HTML 24Page - STMicroelectronics STR712FR0H6 Datasheet HTML 25Page - STMicroelectronics STR712FR0H6 Datasheet HTML 26Page - STMicroelectronics STR712FR0H6 Datasheet HTML 27Page - STMicroelectronics STR712FR0H6 Datasheet HTML 28Page - STMicroelectronics STR712FR0H6 Datasheet HTML 29Page - STMicroelectronics STR712FR0H6 Datasheet HTML 30Page - STMicroelectronics STR712FR0H6 Datasheet HTML 31Page - STMicroelectronics STR712FR0H6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
System architecture
STR71xF
28/77
1.
The Reset configuration of the I/O Ports is IPUPD (input pull-up/pull down). Refer to Table 7 on page 29.
The Port bit configuration at reset is PC0=1, PC1=1, PC2=0. The port data register bit (PD) value depends
on the pu/pd column which specifies whether the pull-up or pull-down is enabled at reset
2.
V33IO-PLL and V33 are internally connected. VSSIO-PLL and VSS are internally connected.
4.5
External connections
Figure 5.
Recommended External Connection of V18 and V18BKP pins
63 C4
P0.8/U0.RX/U
0.TX
I/O
pd
CT X4mA T
Port 0.8
UART0:
Receive Data
input
UART0: Transmit data
output.
Note: This pin may be used for single wire UART
(half duplex) if programmed as Alternate Function
Output. The pin will be tri-stated except when
UART transmission is in progress
64
A2
P0.9/U0.TX/B
OOT.0
I/O
pd
CT
4mA
X
X
Port 0.9
Select Boot
Configuration
input
UART0: Transmit data
output
Table 6.
STR711/STR712/STR715 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
LQFP144
LQFP64
58
57
27
129 128
33 nF
59
10 µF
10 µF
33 nF
54 55
1µF
25 26
1µF
28
58
V18BKP
V18
V18
V18
V18
V18BKP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com