Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0H6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STR712FR0H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0H6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STR712FR0H6 Datasheet HTML 39Page - STMicroelectronics STR712FR0H6 Datasheet HTML 40Page - STMicroelectronics STR712FR0H6 Datasheet HTML 41Page - STMicroelectronics STR712FR0H6 Datasheet HTML 42Page - STMicroelectronics STR712FR0H6 Datasheet HTML 43Page - STMicroelectronics STR712FR0H6 Datasheet HTML 44Page - STMicroelectronics STR712FR0H6 Datasheet HTML 45Page - STMicroelectronics STR712FR0H6 Datasheet HTML 46Page - STMicroelectronics STR712FR0H6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
STR71xF
Electrical parameters
43/77
OSC32K crystal / Ceramic resonator oscillator
The STR7 RTC clock can be supplied with a 32kHz Crystal/Ceramic resonator oscillators.
All the information given in this paragraph are based on characterization results with
specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal resonator manufacturer
for more details (frequency, package, accuracy...).
Notes:
1.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with
small RS value for example MSIV-TIN32.768kHz. Refer to crystal manufacturer for more details
2.
tSU(OSC32KHZ) is the start-up time measured from the moment it is enabled (by software) to a stabilized
32kHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary
significantly with the crystal manufacturer
Figure 15.
Typical Application with a 32kHz Crystal
Table 19.
32K Oscillator characteristics (fOSC32K= 32.768kHz)
Symbol
Parameter
Conditions
Typ
Unit
RF
Feedback resistor
2.7
M
Ω
CL1
CL2
Recommended load capacitance
versus equivalent serial resistance
of the crystal (RS)
1)
RS=40KΩ
12.5
pF
i2
RTCXT2 driving current
V33=3.3V
VIN=VSS
3.2
µA
gm
Oscillator Transconductance
8
µA/V
tSU(OSC32KHZ)
2)
startup time
V33 is stabilized
5s
RTCXT2
RTCXT1
fOSC32K
CL1
CL2
i2
RF
STR710
32KHz
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
RESONATOR
FEEDBACK
LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com