Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0H6 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STR712FR0H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0H6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STR712FR0H6 Datasheet HTML 46Page - STMicroelectronics STR712FR0H6 Datasheet HTML 47Page - STMicroelectronics STR712FR0H6 Datasheet HTML 48Page - STMicroelectronics STR712FR0H6 Datasheet HTML 49Page - STMicroelectronics STR712FR0H6 Datasheet HTML 50Page - STMicroelectronics STR712FR0H6 Datasheet HTML 51Page - STMicroelectronics STR712FR0H6 Datasheet HTML 52Page - STMicroelectronics STR712FR0H6 Datasheet HTML 53Page - STMicroelectronics STR712FR0H6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Electrical parameters
STR71xF
50/77
5.3.5
I/O port pin characteristics
General characteristics
Subject to general operating conditions for V33 and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Notes:
1.
Data based on characterization results, not tested in production.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise
refer to IINJ(PIN) specification. A positive injection is induced by VIN>V33 while a negative injection is
induced by VIN<VSS. Refer to Section 5.2 on page 34 for more details.
4.
Leakage could be higher than max. if negative current is injected on adjacent pins.
5.
The RPU pull-up and RPD pull-down equivalent resistor are based on a resistive transistor (corresponding
IPU and IPD current characteristics described in Figure 18 to Figure 19).
Table 27.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage 1)
CMOS ports
0.3V33
V
VIH
Input high level voltage 1)
0.7V33
Vhys
Schmitt trigger voltage hysteresis
2)
0.8
V
VIL
Input low level voltage 1)
P0.15 WAKEUP
0.9
0.8
V
VIH
Input high level voltage 1)
21.35
Vhys
Schmitt trigger voltage hysteresis
2)
0.4
V
VIL
Input low level voltage 1)
TTL ports
0.8
V
VIH
Input high level voltage 1)
2.0
IINJ(PIN) Injected Current on any I/O pin
± 4
mA
ΣIINJ(PIN)
3)
Total injected current (sum of all
I/O and control pins)
± 25
Ilkg
Input leakage current 4)
VSS≤VIN≤V33
±1
µA
RPU
Weak pull-up equivalent
resistor5)
VIN=VSS
110
150
700
k
Ω
RPD
Weak pull-down equivalent
resistor5)
VIN=V33
110
150
700
k
Ω
CIO
I/O pin capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com