Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9722 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 12Page - NXP Semiconductors PCAL9722 Datasheet HTML 13Page - NXP Semiconductors PCAL9722 Datasheet HTML 14Page - NXP Semiconductors PCAL9722 Datasheet HTML 15Page - NXP Semiconductors PCAL9722 Datasheet HTML 16Page - NXP Semiconductors PCAL9722 Datasheet HTML 17Page - NXP Semiconductors PCAL9722 Datasheet HTML 18Page - NXP Semiconductors PCAL9722 Datasheet HTML 19Page - NXP Semiconductors PCAL9722 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
Bit
7
6
5
4
3
2
1
0
Default
0 (NA)
0 (NA)
0
0
0
0
0
0
Table 27. Input latch port 2 register (address 4Ah)...continued
6.4.7 Pull-up/pull-down enable registers (4Ch, 4Dh, 4Eh)
The pull-up and pull-down enable registers allow the user to enable or disable pull-up/pull-down resistors on
the I/O pins. Setting the bit to logic 1 enables the selection of pull-up/pull-down resistors. Setting the bit to logic
0 disconnects the pull-up/pull-down resistors from the I/O pins. Also, the resistors will be disconnected when
the outputs are configured as open-drain outputs (see Section 6.4.11 and Section 6.4.15). Use the pull-up/pull-
down registers to select either a pull-up or pull-down resistor. A register group write operation is described in
Section 7.3. A register group read operation is described in Section 7.5.
Bit
7
6
5
4
3
2
1
0
Symbol
PE0.7
PE0.6
PE0.5
PE0.4
PE0.3
PE0.2
PE0.1
PE0.0
Default
0
0
0
0
0
0
0
0
Table 28. Pull-up/pull-down enable port 0 register (address 4Ch)
Bit
7
6
5
4
3
2
1
0
Symbol
PE1.7
PE1.6
PE1.5
PE1.4
PE1.3
PE1.2
PE1.1
PE1.0
Default
0
0
0
0
0
0
0
0
Table 29. Pull-up/pull-down enable port 1 register (address 4Dh)
Bit
7
6
5
4
3
2
1
0
Symbol
PE2.7
PE2.6
PE2.5
PE2.4
PE2.3
PE2.2
PE2.1
PE2.0
Default
0 (NA)
0 (NA)
0
0
0
0
0
0
Table 30. Pull-up/pull-down enable port 2 register (address 4Eh)
6.4.8 Pull-up/pull-down selection registers (50h, 51h, 52h)
The I/O port can be configured to have pull-up or pull-down resistor by programming the pull-up/pull-down
selection register. Setting a bit to logic 1 selects a 100 kΩ pull-up resistor for that I/O pin. Setting a bit to logic
0 selects a 100 kΩ pull-down resistor for that I/O pin. If the pull-up/down feature is disconnected, writing to this
register will have no effect on I/O pin. Typical value is 100 kΩ with minimum of 50 kΩ and maximum of 150 kΩ.
A register group write operation is described in Section 7.3. A register group read operation is described in
Section 7.5.
Bit
7
6
5
4
3
2
1
0
Symbol
PUD0.7
PUD0.6
PUD0.5
PUD0.4
PUD0.3
PUD0.2
PUD0.1
PUD0.0
Default
1
1
1
1
1
1
1
1
Table 31. Pull-up/pull-down selection port 0 register (address 50h)
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
16 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com