Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9722 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 2Page - NXP Semiconductors PCAL9722 Datasheet HTML 3Page - NXP Semiconductors PCAL9722 Datasheet HTML 4Page - NXP Semiconductors PCAL9722 Datasheet HTML 5Page - NXP Semiconductors PCAL9722 Datasheet HTML 6Page - NXP Semiconductors PCAL9722 Datasheet HTML 7Page - NXP Semiconductors PCAL9722 Datasheet HTML 8Page - NXP Semiconductors PCAL9722 Datasheet HTML 9Page - NXP Semiconductors PCAL9722 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
5 Pinning information
5.1 Pinning
aaa-015858
PCAL9722HN
Transparent top view
P2_0
P0_6
P0_7
P2_1
P0_5
P2_2
P0_4
P2_3
P0_3
P2_4
P0_2
P2_5
P0_1
CS
P0_0
SDOUT
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
Figure 2. Pin configuration for HVQFN32
5.2 Pin description
Symbol
Pin
Type
Description
SCLK
29
I
SPI serial clock input
SDIN
30
I
SPI serial data input
VDD(SPI)
31
power supply
Supply voltage of SPI bus. Connect directly to the VDD of the external SPI
bus master. Provides voltage-level translation.
INT
32
O
Interrupt output. Connect to VDD(SPI) or VDD(P) through a pull-up resistor.
P0_0 [1]
1
I/O
Port 0 input/output 0
P0_1 [1]
2
I/O
Port 0 input/output 1
P0_2 [1]
3
I/O
Port 0 input/output 2
P0_3 [1]
4
I/O
Port 0 input/output 3
P0_4 [1]
5
I/O
Port 0 input/output 4
P0_5 [1]
6
I/O
Port 0 input/output 5
P0_6 [1]
7
I/O
Port 0 input/output 6
P0_7 [1]
8
I/O
Port 0 input/output 7
P1_0 [2]
9
I/O
Port 1 input/output 0
P1_1 [2]
10
I/O
Port 1 input/output 1
P1_2 [2]
11
I/O
Port 1 input/output 2
P1_3 [2]
12
I/O
Port 1 input/output 3
P1_4 [2]
13
I/O
Port 1 input/output 4
Table 3. Pin description
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
6 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com