Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9722 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 22Page - NXP Semiconductors PCAL9722 Datasheet HTML 23Page - NXP Semiconductors PCAL9722 Datasheet HTML 24Page - NXP Semiconductors PCAL9722 Datasheet HTML 25Page - NXP Semiconductors PCAL9722 Datasheet HTML 26Page - NXP Semiconductors PCAL9722 Datasheet HTML 27Page - NXP Semiconductors PCAL9722 Datasheet HTML 28Page - NXP Semiconductors PCAL9722 Datasheet HTML 29Page - NXP Semiconductors PCAL9722 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
P0_1
~
P1_7
Filtered
P0_1 ~ P1_7
(internal)
tDP
aaa-014658
tDP = [PERIOD of EXT CLOCK] * [Debounce counter(76h)] = 1 μs * 10 = 10 μs (if external clock = 1 MHz, debounce count
register (76h) = 0Ah)
Figure 8. Switch debounce timing
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
26 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com