Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9722 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 9Page - NXP Semiconductors PCAL9722 Datasheet HTML 10Page - NXP Semiconductors PCAL9722 Datasheet HTML 11Page - NXP Semiconductors PCAL9722 Datasheet HTML 12Page - NXP Semiconductors PCAL9722 Datasheet HTML 13Page - NXP Semiconductors PCAL9722 Datasheet HTML 14Page - NXP Semiconductors PCAL9722 Datasheet HTML 15Page - NXP Semiconductors PCAL9722 Datasheet HTML 16Page - NXP Semiconductors PCAL9722 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
6.4.3 Polarity inversion registers (08h, 09h, 0Ah)
The Polarity inversion registers (registers 08h, 09h, 0Ah) allow polarity inversion of pins defined as inputs by
the Configuration register. If a bit in these registers is set (written with ‘1’), the corresponding port pin’s polarity
is inverted in the input register. If a bit in this register is cleared (written with a ‘0’), the corresponding port pin’s
polarity is retained. A register group write is described in Section 7.3 and a register group read is described in
Section 7.5.
Bit
7
6
5
4
3
2
1
0
Symbol
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
Default
0
0
0
0
0
0
0
0
Table 13. Polarity inversion port 0 register (address 08h)
Bit
7
6
5
4
3
2
1
0
Symbol
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
Default
0
0
0
0
0
0
0
0
Table 14. Polarity inversion port 1 register (address 09h)
Bit
7
6
5
4
3
2
1
0
Symbol
N2.7
N2.6
N2.5
N2.4
N2.3
N2.2
N2.1
N2.0
Default
0 (NA)
0 (NA)
0
0
0
0
0
0
Table 15. Polarity inversion port 2 register (address 0Ah)
6.4.4 Configuration registers (0Ch, 0Dh, 0Eh)
The Configuration registers (registers 0Ch, 0Dh, 0Eh) configure the direction of the I/O pins. If a bit in these
registers is set to 1, the corresponding port pin is enabled as a high-impedance input. If a bit in these registers
is cleared to 0, the corresponding port pin is enabled as an output. A register group write is described in
Section 7.3 and a register group read is described in Section 7.5.
Bit
7
6
5
4
3
2
1
0
Symbol
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
1
1
1
1
1
1
1
1
Table 16. Configuration port 0 register (address 0Ch)
Bit
7
6
5
4
3
2
1
0
Symbol
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
1
1
1
1
1
1
1
1
Table 17. Configuration port 1 register (address 0Dh)
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
13 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com