Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL9722 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCAL9722
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCAL9722 Datasheet HTML 17Page - NXP Semiconductors PCAL9722 Datasheet HTML 18Page - NXP Semiconductors PCAL9722 Datasheet HTML 19Page - NXP Semiconductors PCAL9722 Datasheet HTML 20Page - NXP Semiconductors PCAL9722 Datasheet HTML 21Page - NXP Semiconductors PCAL9722 Datasheet HTML 22Page - NXP Semiconductors PCAL9722 Datasheet HTML 23Page - NXP Semiconductors PCAL9722 Datasheet HTML 24Page - NXP Semiconductors PCAL9722 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
Bit
7
6
5
4
3
2
1
0
Symbol
II1.7
II1.6
II1.5
II1.4
II1.3
II1.2
II1.1
II1.0
Default
X
X
X
X
X
X
X
X
Table 52. Input status port 1 register (address 6Dh) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
II2.7
II2.6
II2.5
II2.4
II2.3
II2.2
II2.1
II2.0
Default
0 (NA)
0 (NA)
X
X
X
X
X
X
Table 53. Input status port 2 register (address 6Eh) bit description
6.4.15 Individual pin output configuration registers (70h, 71h, 72h)
The individual pin output configuration registers modify output configuration (push-pull or open-drain) set by the
Output Port Configuration register (5Ch).
If the ODENx bit is set at logic 0 (push-pull), any bit set to logic 1 in the IOCRx register will reverse the output
state of that pin only to open-drain. When ODENx bit is set at logic 1 (open-drain), a logic 1 in IOCRx will set
that pin to push-pull.
The recommended command sequence to program the output pin is to program ODENx (5Ch), the IOCRx, and
finally the Configuration register (0Ch, 0Dh, 0Eh) to set the pins as outputs. A register group write operation is
described in Section 7.3. A register group read operation is described in Section 7.5.
Bit
7
6
5
4
3
2
1
0
Symbol
IOCR0.7
IOCR0.6
IOCR0.5
IOCR0.4
IOCR0.3
IOCR0.2
IOCR0.1
IOCR0.0
Default
0
0
0
0
0
0
0
0
Table 54. Individual pin output configuration register 0 (address 70h) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
IOCR1.7
IOCR1.6
IOCR1.5
IOCR1.4
IOCR1.3
IOCR1.2
IOCR1.1
IOCR1.0
Default
0
0
0
0
0
0
0
0
Table 55. Individual pin output configuration register 1 (address 71h) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
IOCR2.7
IOCR2.6
IOCR2.5
IOCR2.4
IOCR2.3
IOCR2.2
IOCR2.1
IOCR2.0
Default
0 (NA)
0 (NA)
0
0
0
0
0
0
Table 56. Individual pin output configuration register 2 (address 72h) bit description
6.4.16 Switch debounce enable registers (74h, 75h)
The switch debounce enable registers enable the switch debounce function for Port 0 and Port 1 pins. If a pin
on Port 0 or Port 1 is designated as an input, a logic 1 in the Switch debounce enable register will connect
debounce logic to that pin. If a pin is assigned as an output (via Configuration Port 0 or Port 1 register) the
debounce logic is not connected to that pin and it will function as a normal output. The switch debounce logic
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
21 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com