Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2364 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 31Page - NXP Semiconductors LPC2364 Datasheet HTML 32Page - NXP Semiconductors LPC2364 Datasheet HTML 33Page - NXP Semiconductors LPC2364 Datasheet HTML 34Page - NXP Semiconductors LPC2364 Datasheet HTML 35Page - NXP Semiconductors LPC2364 Datasheet HTML 36Page - NXP Semiconductors LPC2364 Datasheet HTML 37Page - NXP Semiconductors LPC2364 Datasheet HTML 38Page - NXP Semiconductors LPC2364 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
LPC2364_66_68_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 October 2007
35 of 47
NXP Semiconductors
LPC2364/66/68
Fast communication chip
IDD(DCDC)act(3V3) active mode DC-to-DC
converter supply
current (3.3 V)
VDD(DCDC)(3V3) = 3.3 V;
Tamb =25 °C; code
while(1){}
executed from flash; no
peripherals enabled;
PCLK = CCLK
CCLK = 10 MHz
-
15
-
mA
CCLK = 72 MHz
-
63
-
mA
all peripherals enabled;
PCLK = CCLK / 8
CCLK = 10 MHz
-
21
-
mA
CCLK = 72 MHz
-
92
-
mA
all peripherals enabled;
PCLK = CCLK
CCLK = 10 MHz
-
27
-
mA
CCLK = 72 MHz
-
125
-
mA
IDD(DCDC)pd(3V3)
power-down mode
DC-to-DC converter
supply current (3.3 V)
VDD(DCDC)(3V3) = 3.3 V;
Tamb =25 °C
-
150
-
µA
IDD(DCDC)dpd(3V3) deep power-down
mode DC-to-DC
converter supply
current (3.3 V)
VDD(DCDC)(3V3) = 3.3 V;
Tamb =25 °C
-15
-
µA
IBATact
active mode battery
supply current
DC-to-DC converter on
[9] -20
-
µA
DC-to-DC converter off
[9] -28
-
µA
I2C-bus pins (P0[27] and P0[28])
VIH
HIGH-level input
voltage
0.7VDD(3V3) --V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-level output
voltage
IOLS = 3 mA
[6] -
-
0.4
V
ILI
input leakage current
VI =VDD(3V3)
[10] -2
4
µA
VI =5V
-
10
22
µA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0
-
1.8
V
Vo(XTAL2)
output voltage on pin
XTAL2
0
-
1.8
V
Vi(RTCX1)
input voltage on pin
RTCX1
0
-
1.8
V
Vo(RTCX2)
output voltage on pin
RTCX2
0
-
1.8
V
Table 5.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com