Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2364 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors LPC2364 Datasheet HTML 14Page - NXP Semiconductors LPC2364 Datasheet HTML 15Page - NXP Semiconductors LPC2364 Datasheet HTML 16Page - NXP Semiconductors LPC2364 Datasheet HTML 17Page - NXP Semiconductors LPC2364 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
LPC2364_66_68_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 October 2007
14 of 47
NXP Semiconductors
LPC2364/66/68
Fast communication chip
The Thumb set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates on the same 32-bit register set as ARM code.
Thumb code is able to provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
7.2 On-chip flash programming memory
The LPC2364/66/68 incorporate a 128 kB, 256 kB, and 512 kB flash memory system
respectively. This memory may be used for both code and data storage. Programming of
the flash memory may be accomplished in several ways. It may be programmed In
System via the serial port (UART0). The application program may also erase and/or
program the flash while the application is running, allowing a great degree of flexibility for
data storage field and firmware upgrades.
The flash memory is 128 bits wide and includes pre-fetching and buffering techniques to
allow it to operate at SRAM speeds of 72 MHz.
The LPC2364/66/68 provides a minimum of 100000 write/erase cycles and 20 years of
data retention.
7.3 On-chip SRAM
The LPC2364/66/68 includes a SRAM memory of 8 kB, 32 kB, and 32 kB respectively,
reserved for the ARM processor exclusive use. This RAM may be used for code and/or
data storage and may be accessed as 8 bits, 16 bits, and 32 bits.
A 16 kB SRAM block serving as a buffer for the Ethernet controller and an 8 kB SRAM
associated with the USB device can be used both for data and code storage, too.
Remaining SRAM such as a 4 kB USB FIFO and a 2 kB RTC SRAM can be used for data
storage only. The RTC SRAM is battery powered and retains the content in the absence of
the main power supply.
7.4 Memory map
The LPC2364/66/68 memory map incorporates several distinct regions as shown in
Figure 3.
In addition, the CPU interrupt vectors may be remapped to allow them to reside in either
flash memory (default), boot ROM, or SRAM (see Section 7.25.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com