Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 122 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 122 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 121Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 122Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 123Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 124Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 125Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 126Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 716 page
background image
Chapter 7 External Bus Controller
7-12
7.3.6.4
Page Mode
When in this mode, the ACK*/Ready pin becomes ACK* output when it is in the Dynamic
mode. When it is in the ACK*/Ready Static mode, the ACK*/Ready signal becomes HiZ.
Wait cycles are inserted into the access cycle according to the values of EBCCRn.PWT and
EBCCRn.WT. The Single access protocol in Page mode is identical to that of Normal mode,
except the number of wait cycles inserted. The Wait cycle count in the first access cycle of Single
access or Burst access is determined by the EBCCRn.WT value. The Wait cycle count can be set
from 0 to 15. The Wait cycle count of subsequent Burst cycles is determined by the
EBCCRn.PWT value. The Wait cycle count can be set from 0 to 3.
Figure 7.3.4 Page Mode (Burst Access)
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
ACK*/READY (Output)
EBCCRn.WT=2
EBCCRn.PWT=1
EBCCRn.PWT=1
EBCCRn.PWT=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com