Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 137 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 137 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 138Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 139Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 140Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 141Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 716 page
background image
Chapter 7 External Bus Controller
7-27
Bit
Mnemonic
Field Name
Description
Read/Write
7
BC
Byte Control
External Bus Byte Control (Default: DATA[5]/0)
Specifies whether to use the BWE*[3:0] signal as an asserted Byte Write
Enable signal (BWE*[3:0]) only during a Write cycle, or to use it as an
asserted Byte Enable signal (BE*[3:0]) that is asserted during both Read
and Write cycles.
0: Byte Enable (BE *[3:0])
1: Byte Write Enable (BWE*[3:0])
Note: DATA[5] is set to Channel 0 as the default.
R/W
6
RDY
Ready Input
Mode
External Bus Control Ready Input Mode (Default: 0)
Specifies whether to use the Ready mode.
0: Disable the Ready mode.
1: Enable the Ready mode.
Note: The Ready mode cannot be used when the Page mode is selected.
R/W
5:4
SP
Bus Speed
External Bus Control Bus Speed (Default: ADDR[7:6] / 00)
Specifies the External Bus speed.
00: 1/4 speed (1/4 of the GBUSCLK frequency)
01: 1/3 speed (1/3 of the GBUSCLK frequency)
10: 1/2 speed (1/2 of the GBUSCLK frequency)
11: Full speed (same frequency as GBUSCLK)
Note: ADDR[7:6] is set to Channel 0 as the default.
R/W
3
ME
Master Enable
External Bus Control Master Enable (Default: ADDR[8] / 0)
Enables a channel.
0: Disable channel
1: Enable channel
Note: ADDR[8] is set to Channel 0 as the default.
R/W
2:0
SHWT
Set Up/Hold
Wait Time
External Bus Control Setup/Hold Wait Time (Default: 000)
Specifies the wait count when switching between the Address and Chip
Enable signal, or the Chip Enable Signal and Write Enable/Output Enable
signal.
* 000: Disable
100: 4 wait cycles
001: 1wait cycle
101: 5 wait cycles
010: 2 wait cycles
110: 6 wait cycles
011: 3 wait cycles
111: 7 wait cycles
* Set this bit field to “0” when using it in the Page mode or when performing
Burst access.
R/W
Figure 7.4.1 External Bus Channel Control Register (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com