Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 136 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 136 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 136Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 137Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 138Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 139Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 140Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 716 page
background image
Chapter 7 External Bus Controller
7-26
Bit
Mnemonic
Field Name
Description
Read/Write
19:18
PM
Page Mode
Page Size
External Bus Control Page Mode Page Size (Default: 00)
Specifies the Page mode (Page mode memory support) use and page size.
00: Normal mode
01: 4-page mode
10: 8-page mode
11: 16-page mode
R/W
17:16
PWT
Page Mode
Wait time
External Bus Control Page Mode Wait Time (Default: 11 / 00)
Specifies the wait cycle count during Burst access when in the Page mode.
00: 0 wait cycles
10: 2 wait cycles
01: 1 wait cycle
11: 3 wait cycles
Specifies a wait cycle count from 0 to 62 that matches WT when in the
Normal mode or Ready mode. (See the WT item.)
R/W
15:12
WT
Normal Mode
Wait Time
External Bus Control Normal Mode Wait Time
(Default: 111 (~DATA[4])/0000)
Specifies the wait cycle count in the first cycle of a Single Cycle or Burst
access.
Specifies the following wait cycle count when in the Page mode.
0000: 0 wait cycles
0100: 4 wait cycles
1000: 8 wait cycles
1100: 12 wait cycles
0001: 1 wait cycle
0101: 5 wait cycles
1001: 9 wait cycles
1101: 13 wait cycles
0010: 2 wait cycles
0110: 6 wait cycles
1010: 10 wait cycles
1110: 14 wait cycles
0011: 3 wait cycles
0111: 7 wait cycles
1011: 11 wait cycles
1111: 15 wait cycles
Specifies a wait cycle count from 0 to 62 that matches PWT when in a mode
other than the Page mode.
PWT[1:0]: WT[3:0]
000000: 0 wait cycles
010000: 16 wait cycles 110000: 48 wait cycles
000001: 1 wait cycle
010001: 17 wait cycles 110001: 49 wait cycles
:
:
:
001110: 14 wait cycles 011110: 30 wait cycles 111110: 62 wait cycles
001111: 15 wait cycles 011111: 31 wait cycles 111111: External ACK mode
Note 1: Value that is the reverse of DATA[4] is set to the LSB of Channel 0
as the default.
Note 2: If PWT:WT is set to 0x3f when PM = 00 and RDY = 0, the external
bus enters the ACK* Input mode (External ACK mode) without the
wait cycle count for the ACK* output being the maximum value.
Note 3: WT[0] is used to select Dynamic/Static ACK*/Ready mode when in
the Ready mode. Therefore, the Wait cycle count is an even
number.
Note 4: The WT wait cycle count should be equal to or greater than the
PWT Wait cycle count when in the Page mode.
R/W
11:8
CS
Channel Size
External Bus Control Channel Size (Default: 0010/0000)
Specifies the channel memory size.
0000: 1 MB
0101: 32 MB
*1010: 1 GB
0001: 2 MB
0110: 64 MB
1011-1111: Reserved
0010: 4 MB
0111: 128 MB
0011: 8 MB
1000: 256 MB
0100: 16 MB
1001: 512 MB
* The channel memory size can be set up to 512 MB when the memory bus
width is 16 bits, or up to 256 MB when the memory bus width is 8 bits. No
size larger than this can be set.
R/W
Figure 7.4.1 External Bus Channel Control Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com