Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 135Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 716 page
background image
Chapter 7 External Bus Controller
7-22
(2) 16-bit ISA module
Following is a programming example to use a 16-bit ISA module:
•
ISA mode (EBCCRn.ISA=01)
•
16-bit bus (EBCCRn.BSZ=10)
•
READY mode (EBCCRn.RDY=1, EBCCRn.PM=00)
•
Channel enable (EBCCRn.ME=1)
•
ISA select (PCFG.ISA_SEL=1)
Program the number of wait cycles, the SHWT option and the bus speed according to the ISA
module used. Figure 7.3.17 shows an example of connecting a 16-bit ISA module to the TX4938.
Figure 7.3.17 An Example of Connecting an 16-Bit ISA Module
With the EBUSC configured for a 16-bit bus, bits [16:1] of physical addresses are driven out
from ADDR[15:0]. Thus, the address pins must be connected, as shown in Figure 7.3.17. To
access halfwords in the ISA module with even addresses (*0, *2, *4, *6, …), the TX4938 must
provide physical addresses with two low-order bits cleared (*0, *4, *8, *C, …). Therefore, the
accessible ISA address space is limited to a maximum of 32 kbytes between 0x0000 and 0x7fff.
For byte accesses, the valid byte lane in the data bus differs, depending on whether the TX4938
is configured for big-endian or little-endian byte ordering. Software is responsible for address
conversion for a specific endianness, as shown in Table 7.3.8.
TX4938
ADDR[15:0]
DATA[15:0]
IOR*
IOW*
ACK*/READY
ISA-Module
SA[15:0]
SD[15:0]
IOR*
IOW*
IOCHRDY
AEN
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com