Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 126Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 716 page
background image
Chapter 7 External Bus Controller
7-20
7.3.9
ISA /ATA Mode
TMPR4938 supports ISA I/O space access and ATA PIO transfer mode. Since the pins used in
ISA/ATA mode are multiplexed pins, select ISA/ATA before use of these pins. Since the signal of CE*
is not used in this mode, when ETHER1 is chosen, this mode can be used by channels 5, 6 and 7. (Refer
to “5.2.3 Pin Configuration Register”.)
7.3.9.1
Address space
In the channel set to EBCCRn.ISA=01, 64 kbyte from the start address of the channel is used
for the ISA I/O space. (Refer to Figure 7.3.15). When access to the ISA I/O space is performed,
IOR* and IOW* control signals are valid, and OE*, SWE* and CE* are invalid. Other control
signals are usable, that is the same as the case other than the ISA/ATA mode.
In the channel set to EBCCRn.ISA=11, 64 kbyte from the start address of the channel is used
for ISA I/O space, and successive 128 kbyte is used for ATA space (64 kbyte each for CS[0]* and
CS[1]*). (Refer to Figure 7.3.15). When access to the ATA space is performed, the IOR*, IOW*
and CS* control signals are valid, and OE*, SWE* and CE* are invalid. Other control signals are
usable, that is the same as the case other than the ISA/ATA mode.
In general, the space from address off set 0x30000 (0x10000 in the ISA mode) to the channel
end address becomes the channel space. Access to this space is the same as the case other than the
ISA/ATA mode. (OE*, SWE* and CE* control signals are valid, and IOR*, IOW* and CS* are
invalid).
When EBCCRn.ISA is set to 01, the ATA CS[0]* and CS[1]* spaces become the normal channel space.
See Table 7.3.8 for the mapping of the ATA CS[1]* and CS[0]* register areas.
Figure 7.3.15 Physical Address Mapping of the ISA/ATA Spaces
Channel Start Address
Channel End Address
0x00000
Offset Address
0x10000
ISA Space
(64Kbyte)
ATA CS[0]* Space
(64Kbyte)
ATA CS[1]* Space
(64Kbyte)
0x20000
0x30000
CS[0]* Register Area
Normal Channel Space
CS[1]* Register Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com