Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 130Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 131Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 132Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 133Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 134Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 716 page
background image
Chapter 7 External Bus Controller
7-21
7.3.9.2
Usage Considerations
To use ISA and ATA modules in READY, their ICCHRDY or IORDY pin should be connected
to the ACK*/READY pin of the TX4938.
The SHWT option allows users to adjust the setup and hold timing of IOR* and IOW* relative
to ADDR.
When the READY mode and SHWT option are used, the internal bus burst accesses are
prohibited.
Although the ISA and ATA signals are 5-volt signals, the TX4938 is not 5-volt-tolerant. For
voltage-level conversion, bus switches such as BUSSW and LCX245 must be inserted between
ISA busses according to the modules used.
7.3.9.3
Usage Examples
(1) 8-bit ISA module
Following is a programming example to use an 8-bit ISA module:
•
ISA mode (EBCCRn.ISA=01)
•
8-bit bus (EBCCRn.BSZ=11)
•
READY mode (EBCCRn.RDY=1, EBCCRn.PM=00)
•
Channel enable (EBCCRn.ME=1)
•
ISA select (PCFG.ISA_SEL=1)
Program the number of wait cycles, the SHWT option and the bus speed according to the ISA
module used. Figure 7.3.16 shows an example of connecting an 8-bit ISA module to the TX4938.
Figure 7.3.16 An Example of Connecting an 8-Bit ISA Module
TX4938
ADDR[15:0]
DATA[7:0]
IOR*
IOW*
ACK*/READY
ISA-Module
SA[15:0]
SD[7:0]
IOR*
IOW*
IOCHRDY
AEN
16
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com