Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 243Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 245Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 246Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 247Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 716 page
background image
Chapter 9 SDRAM Controller
9-10
9.3.4
Initialization of Memory Data, ECC/Parity
The SDRAMC has functions for simultaneously performing Memory Writes to multiple memory
channels. These functions are effective when quickly initializing data memory or ECC/parity memory.
Channels for which both the Channel Enable bit (SDCCRn.CE) and the Master Enable bit
(SDCCRn.ME) of the SDRAM Channel Control Register are set become the Master channel. Also,
channels for which both the Channel Enable bit (SDCCRn.CE) and the Slave Enable bit (SDCCRn.SE)
are set become the Slave channel. See Table 9.3.4 Master/Slave Channel Settings for information
regarding the Master/Slave channel settings.
The slave channel is simultaneously written to when the Master channel is written to. Settings of the
Master channel are used when in the ECC/Parity mode. Please set to the same value the SDRAM
settings of all channels that are simultaneously written to.
Using the DMA Controller and performing 32 double word Burst access is the most efficient way to
access the Master channel. The DMAC has registers for setting memory initialization data. When the
DMAC is launched by an internal request when in the Single address IO
→Memory Transfer mode, the
data set in this register are written to memory. See Chapter 8 "DMA Controller" for more information.
Table 9.3.4 Master/Slave Channel Settings
SDCCRn.CE
(Channel Enable)
SDCCRn.ME
(Master Enable)
SDCCRn.SE
(Slave Enable)
Description
0
X
X
Channel is disabled.
1
0
0
Normal operation is performed.
1
0
1
When a Write operation is executed by a channel
where SDCCRn.ME
=1, the Write operation is also
executed by this channel.
Normal operation is performed when this channel is
Active.
1
1
0
When a Write operation is executed by this channel,
the Write operation is simultaneously executed by all
channels where SDCCRn.SE
=1.
1
1
1
When a Write operation is executed by this channel,
the Write operation is simultaneously executed by all
channels where SDCCRn.SE
=1.
A Write operation is also simultaneously executed by
this channel when the Write operation is executed by
another channel where SDCCRn.ME
=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com