Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 248 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 248 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 245Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 246Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 247Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 248Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 249Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 250Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 251Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 252Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 716 page
background image
Chapter 9 SDRAM Controller
9-14
9.3.10.2 ECC Error Notification
When either an ECC error or a parity error occurs, error data is written into one of the following
fields, then error notification is performed as described below:
•
Error Address Field (ERRAD) in the ECC Status Register (ECCSR)
•
Error ECC/Parity Mode Field (ERRMODE)
•
Error Memory Width Field (ERRMW)
•
Error Syndrome Field (ERRS)
The Multi-bit Error bit (ECCSR.MBERR) of the ECC Status Register is set and an interrupt is
generated if either an ECC multi-bit error or parity error is detected during any Read/Write access
while the Multi-bit Error Interrupt Enable bit (ECCCR.MEI) is set.
The Single-bit Error bit (ECCSR.SBERR) of the ECC Status Register is set and an interrupt is
generated if an ECC single-bit error is detected during any Read/Write access while the Single-bit
Error Interrupt Enable bit (ECCCR.SEI) is set.
Multi-bit errors are assigned a higher priority than single-bit errors. If a multi-bit error is
detected while the Single-bit Error bit (ECCSR.SBERR) is set, then the Single-bit Error bit
(ECCSR.SBERR) is cleared, error data is written for the multi-bit error, then error notification is
performed. If a single-bit error is detected while the Multi-bit Error bit (ECCSR.MBERR) is set,
the Single-bit Error bit (ECCSR.SBERR) is not set and not error data is written. However, the
single-bit error is corrected according to the usual procedure.
The following error notification will also be performed if either an ECC multi-bit error or parity
error is detected while the Multi-bit Error Bus Error Enable Bit (ECCCR.MEB) of the ECC
Control Register is set.
During read access by the TX49 core, bus error notification is sent to the TX49 core and an
exception is generated. A nonmaskable interrupt is generated during Read-Modify-Write memory
Read access that is performed when writing from the TX49 core data that is smaller than 64 bits.
Bus error notification is sent to the appropriate bus master during Read/Write access from another
bus master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com