Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 252 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 252 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 248Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 249Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 250Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 251Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 252Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 253Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 254Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 255Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 256Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 716 page
background image
Chapter 9 SDRAM Controller
9-18
9.4.1
SDRAM Channel Control Register (SDCCRn) 0x8000 (ch. 0)
0x8008 (ch. 1)
0x8010 (ch. 2)
0x8018 (ch. 3)
When the SDCCRn is programmed using a sequence of 32-bit store instructions, the base address and
the address mask in the high-order 32-bit portion of the register must be written first, followed by the
Channel Enable bit in the low-order 32-bit portion.
63
49
48
BA
Reserved
R/W
:Type
0x01FC/0x0000
:Initial value
47
33
32
AM
Reserved
R/W
:Type
0x0000
:Initial value
31
29
28
16
ECC
Reserved
R/W
:Type
0
0
0
:Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RD
MT
Reserved
ME
SE
CE
Reserved
BS
Reserved
RS
CS
Reserved
MW
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
:Type
0
01)
0
0
01)
0
0001)
0001)
1
:Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:49
BA[35:21]
Base Address
Base Address (Default: 0x01FC/0x0000)
Specifies the base address. The upper 15 bits [35:21] of the physical
address are compared to the value of this field.
(Note) Only the default for Channel 0 differs. Channel 0: 0x01FC, Others:
0x0000
R/W
48
—
—
Reserved
⎯
47:33
AM[35:21]
Address Mask
Address Mask (Default: 0x0000)
Sets the valid bits for address comparison according to the base address.
0: Bits of the corresponding BA field are compared.
1: Bits of the corresponding BA field are not compared.
R/W
32
—
—
Reserved
⎯
31:29
ECC
ECC/Parity Mode ECC/Parity mode (Default: 000)
Specifies the channel ECC/Parity type (refer to 9.3.10.1).
000: NOP Mode
001: EC Mode
010: ECC Mode
011: ECC + scrub Mode
100: Even Parity Mode
101: Odd Parity Mode
110: Reserved
110: Reserved
R/W
28:16
—
—
Reserved
⎯
Figure 9.4.1 SDRAM Channel Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com