Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 253 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 253 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 249Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 250Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 251Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 252Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 253Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 254Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 255Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 256Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 257Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 716 page
background image
Chapter 9 SDRAM Controller
9-19
Bit
Mnemonic
Field Name
Description
Read/Write
15
RD
Registered DIMM Registered DIMM (Default: 0)
Specifies whether the SDRAM connected to the channel is Registered
memory.
0: Disable Registered memory
1: Enable Registered memory
R/W
14:13
—
—
Reserved
⎯
12
ME
Master Enable
Master Enable (Default: 0)
Specifies during ECC initialization whether a channel will be made the
Master channel.
0: Disable
1: Enable
R/W
11
SE
Slave Enable
Slave Enable (Default: 0)
Specifies during ECC initialization whether a channel will be made the
Slave channel.
0: Disable
1: Enable
R/W
10
CE
Channel Enable
Enable (Default: 0)
Specifies whether to enable a channel.
0: Disable
1: Enable
R/W
9
—
—
Reserved
⎯
8
BS
Bank Count
Number of Banks (Default: 0)
Specifies the bank count.
0: 2 banks
1: 4 banks
R/W
7
—
—
Reserved
⎯
6:5
RS
Row Size
Row Size (Default: 00)
Specifies the row size.
00: 2048 Rows (11 bits)
01: 4096 Rows (12 bits)
10: 8192 Rows (13 bits)
11: Reserved
R/W
4:2
CS
Column Size
Column Size (Default: 000)
Specifies the column size.
000: 256 words (8 bits)
001: 512 words (9 bits)
010: 1024 words (10 bits)
011: 2048 words (11 bits)
100: 4096 words (12 bits)
101-111: Reserved
R/W
1
—
—
Reserved
⎯
0
MW
Memory Width
Memory Width (Default: 0)
Specifies the bus width.
0: 64 bits
1: 32 bits
R/W
Figure 9.4.1 SDRAM Channel Control Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com