Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 249 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 249 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 245Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 246Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 247Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 248Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 249Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 250Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 251Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 252Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 253Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 716 page
background image
Chapter 9 SDRAM Controller
9-15
9.3.10.3 Adding Read Latency for Each ECC/Parity Mode
When using the ECC/parity function, memory access latency is added according to which
ECC/parity mode is selected, whether errors will be generated or not, the error type to be
generated, and whether or not to generate bus errors. Table 9.3.6 shows in cycles the memory
Read access latency that will be added based on NOP mode operation under each condition.
Table 9.3.6 Read Latency Added for Each ECC/Parity Mode
ECC/Parity Mode
Bus Error
Notification
(ECCCR.MEB)
Error Type/Operation
Added Read Latency
(in cycles)
NOP Mode
⎯
⎯
0
No error
0
Disable
SBErr: Do not correct
MBErr: Correct
0
No error
1
EC Mode
Enable
SBErr: Do not correct
MBErr: Do not correct
2
No error
1
Disable
SBErr: Correct
MBErr: Do not correct
2
No error
1
ECC Mode
Enable
SBErr: Correct
MBErr: Do not correct
2
No error
1
SBErr: Correct & scrub
Max. 22
Disable
MBErr: Do not correct
3
No error
1
SBErr: Correct & scrub
Max. 22
ECC + scrub Mode
Enable
MBErr: Do not correct
2
No error
0
Disable
MBErr: Do not correct
0
No error
1
Even Parity Mode
Odd Parity Mode
Enable
MBErr: Do not correct
1
SBErr
= Single-bit error
MBErr
= Multi-bit error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com