Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 119 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 115Page - STMicroelectronics UPSD3422 Datasheet HTML 116Page - STMicroelectronics UPSD3422 Datasheet HTML 117Page - STMicroelectronics UPSD3422 Datasheet HTML 118Page - STMicroelectronics UPSD3422 Datasheet HTML 119Page - STMicroelectronics UPSD3422 Datasheet HTML 120Page - STMicroelectronics UPSD3422 Datasheet HTML 121Page - STMicroelectronics UPSD3422 Datasheet HTML 122Page - STMicroelectronics UPSD3422 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 293 page
background image
uPSD34xx
I2C interface
119/293
23.6
General call address
A General Call (GC) occurs when a Master-Transmitter initiates a transfer containing a
Slave address of 0000000b, and the R/W bit is logic 0. All Slave devices capable of
responding to this broadcast message will acknowledge the GC simultaneously and then
behave as a Slave-Receiver. The next byte transmitted by the Master will be accepted and
acknowledged by all Slaves capable of handling the special data bytes. A Slave that cannot
handle one of these data bytes must ignore it by not acknowledging it. The I2C specification
lists the possible meanings of the special bytes that follow the first GC address byte, and the
actions to be taken by the Slave device(s) upon receiving them. A common use of the GC by
a Master is to dynamically assign device addresses to Slave devices on the bus capable of a
programmable device address.
The uPSD34xx can generate a GC as a Master-Transmitter, and it can receive a GC as a
Slave. When receiving a GC address (00h), an interrupt will be generated so firmware may
respond to the special GC data bytes if desired.
23.7
Serial I/O engine (SIOE)
At the heart of the I2C interface is the hardware SIOE, shown in Figure 43. The SIOE
automatically handles low-level I2C bus protocol (data shifting, handshaking, arbitration,
clock generation and synchronization) and it is controlled and monitored by five SFRs.
The five SFRs shown in Figure 43 are:
●
S1CON - Interface Control (Table 54 on page 121)
●
S1STA - Interface Status (Table 56 on page 123)
●
S1DAT - Data Shift Register (Table 57 on page 124)
●
S1ADR - Device Address (Table 58 on page 124)
●
S1SETUP - Sampling Rate (Table 59 on page 125)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com