Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 121 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 117Page - STMicroelectronics UPSD3422 Datasheet HTML 118Page - STMicroelectronics UPSD3422 Datasheet HTML 119Page - STMicroelectronics UPSD3422 Datasheet HTML 120Page - STMicroelectronics UPSD3422 Datasheet HTML 121Page - STMicroelectronics UPSD3422 Datasheet HTML 122Page - STMicroelectronics UPSD3422 Datasheet HTML 123Page - STMicroelectronics UPSD3422 Datasheet HTML 124Page - STMicroelectronics UPSD3422 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 293 page
background image
uPSD34xx
I2C interface
121/293
23.8
I2C interface control register (S1CON)
Table 54.
Serial control register S1CON (SFR DCh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CR2
ENI1
STA
STO
ADDR
AA
CR[1:0]
Bit
Symbol
R/W
Function
7CR2
R,W
This bit, along with bits CR1 and CR0, determine the SCL
clock frequency (fSCL) when SIOE is in Master mode. These
bits create a clock divisor for fOSC. See Table 55.
6ENI1
R,W
I2C Interface Enable
0 = SIOE disabled, 1 = SIOE enabled. When disabled, both
SDA and SCL signals are in high impedance state.
5STA
R,W
START flag.
When set, Master mode is entered and SIOE generates a
START condition only if the I2C bus is not busy. When a
START condition is detected on the bus, the STA flag is
cleared by hardware. When the STA bit is set during an
interrupt service, the START condition will be generated after
the interrupt service.
4STO
R,W
STOP flag
When STO is set in Master mode, the SIOE generates a
STOP condition. When a STOP condition is detected, the STO
flag is cleared by hardware. When the STO bit is set during an
interrupt service, the STOP condition will be generated after
the interrupt service.
3
ADDR
R,W
This bit is set when an address byte received in Slave mode
matches the device address programmed into the S1ADR
register. The ADDR bit must be cleared with firmware.
2AA
R,W
Assert Acknowledge enable
If AA = 1, an acknowledge signal (low on SDA) is automatically
returned during the acknowledge bit-time on the SCL line
when any of the following three events occur:
1.
SIOE in Slave mode receives an address that
matches contents of S1ADR register
2.
A data byte has been received while SIOE is in
Master Receiver mode
3.
A data byte has been received while SIOE is a
selected Slave Receiver
When AA = 0, no acknowledge is returned (high on SDA
during acknowledge bit-time).
1, 0
CR1, CR0
R,W
These bits, along with bit CR2, determine the SCL clock
frequency (fSCL) when SIOE is in Master mode. These bits
create a clock divisor for fOSC. See Table 55 for values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com