Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 140 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 136Page - STMicroelectronics UPSD3422 Datasheet HTML 137Page - STMicroelectronics UPSD3422 Datasheet HTML 138Page - STMicroelectronics UPSD3422 Datasheet HTML 139Page - STMicroelectronics UPSD3422 Datasheet HTML 140Page - STMicroelectronics UPSD3422 Datasheet HTML 141Page - STMicroelectronics UPSD3422 Datasheet HTML 142Page - STMicroelectronics UPSD3422 Datasheet HTML 143Page - STMicroelectronics UPSD3422 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 293 page
background image
SPI (synchronous peripheral interface)
uPSD34xx
140/293
Table 63.
SPICON0: control register 0 (SFR D6h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
TE
RE
SPIEN
SSEL
FLSB
SBO
–
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6TE
RW
Transmitter Enable
0 = Transmitter is disabled
1 = Transmitter is enabled
5RE
RW
Receiver Enable
0 = Receiver is disabled
1 = Receiver is enabled
4
SPIEN
RW
SPI Enable
0 = Entire SPI Interface is disabled
1 = Entire SPI Interface is enabled
3SSEL
RW
Slave Selection
0 = SPISEL output pin is constant logic '1' (slave device not
selected)
1 = SPISEL output pin is logic '0' (slave device is selected)
during data transfers
2FLSB
RW
First LSB
0 = Transfer the most significant bit (MSB) first
1 = Transfer the least significant bit (LSB) first
1
SPO
–
Sampling Polarity
0 = Sample transfer data at the falling edge of clock (SPICLK
is '0' when idle)
1 = Sample transfer data at the rising edge of clock (SPICLK is
'1' when idle)
0
–
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com