Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 144 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 140Page - STMicroelectronics UPSD3422 Datasheet HTML 141Page - STMicroelectronics UPSD3422 Datasheet HTML 142Page - STMicroelectronics UPSD3422 Datasheet HTML 143Page - STMicroelectronics UPSD3422 Datasheet HTML 144Page - STMicroelectronics UPSD3422 Datasheet HTML 145Page - STMicroelectronics UPSD3422 Datasheet HTML 146Page - STMicroelectronics UPSD3422 Datasheet HTML 147Page - STMicroelectronics UPSD3422 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 293 page
background image
USB interface
uPSD34xx
144/293
Figure 49.
USB module block diagram
25.1
Basic USB concepts
The Universal Serial Bus (USB) is more complex than the standard serial port and requires
familiarity with the specification to fully understand how to use the USB peripheral in the
uPSD34xx. The USB specification is available on the Internet at http://www.usb.org. Some
basic concepts will be presented in this section but knowledge of the USB specification is
required.
In a USB system, there is only one master and the master is the host computer. The host
controls all activity on the bus and devices respond to requests from the host. The only
exception is when a device has been put into a low power suspend mode by the host. In this
case, the device can signal a remote wakeup. Outside of that exception, all activity is
controlled and initiated by the host. The host-centric model versus a peer-to-peer model
provides the best way to develop low cost peripherals by keeping the complex control logic
on the host side. The uPSD34xx is a peripheral (non-host) device.
25.1.1
Communication flow
The USB provides a means for communication between host (client) software and a function
on a USB device. Functions can have different requirements for the communication flow
depending on the client software to the USB function interaction. With USB, the various
communication flows are separated to provide better bus utilization. For example, one
communication flow is used for managing the device while another is for transferring data
related to the operation of the device. Some bus access is used for each communication
flow with each flow terminated at an endpoint on a device. Each endpoint has various
aspects associated with the communication flow. A USB device looks like a collection of
endpoints to the USB system.
8032
MCU
USB SFRs
USB
Transceiver
Serial
Interface
Engine
PLL
Clock
CTRL and Data
CTRL and Data
CTRL
CTRL
XDATA
D–
D+
USB–
USB+
S
F
R
B
u
s
AI10488
Endpoint4
3 - 40MHz
48MHz
Endpoint0
Endpoint4
Endpoint0
IN FIFOs (64 bytes each)
OUT FIFOs (64 bytes each)
SETUP Command
Buffer (8 bytes)
FIFO Interface Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com