Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 265 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 265 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 261Page - STMicroelectronics UPSD3422 Datasheet HTML 262Page - STMicroelectronics UPSD3422 Datasheet HTML 263Page - STMicroelectronics UPSD3422 Datasheet HTML 264Page - STMicroelectronics UPSD3422 Datasheet HTML 265Page - STMicroelectronics UPSD3422 Datasheet HTML 266Page - STMicroelectronics UPSD3422 Datasheet HTML 267Page - STMicroelectronics UPSD3422 Datasheet HTML 268Page - STMicroelectronics UPSD3422 Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 293 page
background image
uPSD34xx
DC and AC parameters
265/293
Note:
1
Operating current is measured while the uPSD34xx is executing a typical program at
40MHz.
Table 156.
MCU module DC characteristics
Idle Current, Typical
(20% of PLD used; 25°C
operation)
40MHz Crystal divided by
2048 internally.
All interfaces are disabled.
19
18
mA
Standby Current, Typical
Power-down Mode
needs reset to exit.
140
120
µA
SRAM Backup Current,
Typical
If external battery is
attached.
0.5
0.5
µA
I/O Sink/Source Current,
Ports A, B, C, and D
VOL = 0.45V (max);
VOH = 2.4V (min)
IOL = 8 (max);
IOH = –2 (min)
IOL = 4 (max);
IOH = –1 (min)
mA
I/O Sink/Source Current,
Port 4
VOL = 0.6V (max);
VOH = 2.4V (min)
IOL = 10 (max);
IOH = –10 (min)
IOL = 10 (max);
IOH = –10
(min)
mA
PLD Macrocells
For registered or
combinatorial logic
16
16
–
PLD Inputs
Inputs from pins,
feedback,
or MCU addresses
69
69
–
PLD Outputs
Output to pins or
internal feedback
18
18
–
PLD Propagation Delay,
Typical, Turbo Mode
PLD input to output
15
22
ns
Parameter
Test
Conditions/Comments
5.0V Value
3.3V Value
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC,
AVCC
Supply Voltage(1)
3.0
3.6
V
VIH
High Level Input Voltage
(Ports 0, 1, 3, 4, XTAL1,
RESET)
5V Tolerant - max voltage
5.5V
3.0V < VCC < 3.6V
0.7VCC
5.5(2)
V
VIL
Low Level Input Voltage
(Ports 0, 1, 3, 4, XTAL1,
RESET)
3.0V < VCC < 3.6V
VSS – 0.5
0.3VCC
V
VOL1
Output Low Voltage (Port
4)
IOL = 10mA
0.6
V
V
VOL2
Output Low Voltage
(Other Ports)
IOL =5mA
0.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com